Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22934 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS22934
Description  Ultra-Small, Low-Input-Voltage, Low rON Load Switch With Hysteresis Control Input
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22934 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22934 Datasheet HTML 2Page - Texas Instruments TPS22934 Datasheet HTML 3Page - Texas Instruments TPS22934 Datasheet HTML 4Page - Texas Instruments TPS22934 Datasheet HTML 5Page - Texas Instruments TPS22934 Datasheet HTML 6Page - Texas Instruments TPS22934 Datasheet HTML 7Page - Texas Instruments TPS22934 Datasheet HTML 8Page - Texas Instruments TPS22934 Datasheet HTML 9Page - Texas Instruments TPS22934 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPS22934
SLVSAD4B – AUGUST 2010 – REVISED APRIL 2015
www.ti.com
6.6 Switching Characteristics: VIN = 3.6 V
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Turnon time
RL = 500 Ω, CL = 0.1 µF
33
µs
tOFF
Turnoff time
RL = 500 Ω, CL = 0.1 µF
17
µs
tr
VOUT rise time
RL = 500 Ω, CL = 0.1 µF
26
µs
tf
VOUT fall time
RL = 500 Ω, CL = 0.1 µF
7.5
µs
6.7 Switching Characteristics: VIN = 2.5 V
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Turnon time
RL = 500 Ω, CL = 0.1 µF
42
µs
tOFF
Turnoff time
RL = 500 Ω, CL = 0.1 µF
17
µs
tr
VOUT rise time
RL = 500 Ω, CL = 0.1 µF
31
µs
tf
VOUT fall time
RL = 500 Ω, CL = 0.1 µF
8
µs
6.8 Switching Characteristics: VIN = 1.8 V
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Turnon time
RL = 500 Ω, CL = 0.1 µF
54
µs
tOFF
Turnoff time
RL = 500 Ω, CL = 0.1 µF
15
µs
tr
VOUT rise time
RL = 500 Ω, CL = 0.1 µF
37
µs
tf
VOUT fall time
RL = 500 Ω, CL = 0.1 µF
10
µs
6.9 Switching Characteristics: VIN = 1.5 V
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Turnon time
RL = 500 Ω, CL = 0.1 µF
64
µs
tOFF
Turnoff time
RL = 500 Ω, CL = 0.1 µF
14
µs
tr
VOUT rise time
RL = 500 Ω, CL = 0.1 µF
42
µs
tf
VOUT fall time
RL = 500 Ω, CL = 0.1 µF
12
µs
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS22934



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com