Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22966DPUT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS22966DPUT
Description  TPS22966 5.5-V, 6-A, 16-mΩ On-Resistance Dual-Channel Load Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22966DPUT Datasheet(HTML) 1 Page - Texas Instruments

  TPS22966DPUT Datasheet HTML 1Page - Texas Instruments TPS22966DPUT Datasheet HTML 2Page - Texas Instruments TPS22966DPUT Datasheet HTML 3Page - Texas Instruments TPS22966DPUT Datasheet HTML 4Page - Texas Instruments TPS22966DPUT Datasheet HTML 5Page - Texas Instruments TPS22966DPUT Datasheet HTML 6Page - Texas Instruments TPS22966DPUT Datasheet HTML 7Page - Texas Instruments TPS22966DPUT Datasheet HTML 8Page - Texas Instruments TPS22966DPUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Dual
Power
Supply
or
Dual
DC/DC
converter
OFF
ON
TPS22966
VIN1
VOUT1
RL
CL
GND
ON1
CT1
CIN
OFF
ON
VIN2
VOUT2
CL
GND
ON2
GND
CIN
CT2
VBIAS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS22966
SLVSBH4F – JUNE 2012 – REVISED JULY 2016
TPS22966 5.5-V, 6-A, 16-mΩ On-Resistance Dual-Channel Load Switch
1
1 Features
1
•
Input Voltage Range: 0.8 V to 5.5 V
•
Integrated Dual-Channel Load Switch
•
On-Resistance
–
RON = 16 mΩ at VIN = 5 V (VBIAS = 5 V)
–
RON = 16 mΩ at VIN = 3.6 V (VBIAS = 5 V)
–
RON = 16 mΩ at VIN = 1.8 V (VBIAS = 5 V)
•
6-A Maximum Continuous Switch Current per
Channel
•
Low Quiescent Current
–
80 µA (Both Channels)
–
60 µA (Single Channel)
•
Low Control Input Threshold Enables Use of
1.2-, 1.8-, 2.5-, and 3.3-V Logic
•
Configurable Rise Time
•
Quick Output Discharge (QOD) (Optional)
•
SON 14-Pin Package With Thermal Pad
•
ESD Performance Tested per JESD 22
–
2-kV HBM and 1-kV CDM
2 Applications
•
Ultrabook™
•
Notebooks and Netbooks
•
Tablet PCs
•
Consumer Electronics
•
Set-top Boxes and Residental Gateways
•
Telecom Systems
•
Solid-State Drives (SSD)
3 Description
The TPS22966 is a small, low RON, dual-channel load
switch with controlled turnon. The device contains two
N-channel MOSFETs that can operate over an input
voltage range of 0.8 V to 5.5 V and can support a
maximum continuous current of 6 A per channel.
Each switch is independently controlled by an on and
off input (ON1 and ON2), which can interface directly
with low-voltage control signals. In TPS22966, a 220-
Ω on-chip load resistor is added for quick-output
discharge when switch is turned off.
The TPS22966 is available in a small, space-saving
2-mm
×
3-mm
14-SON
package
(DPU)
with
integrated thermal pad allowing for high power
dissipation. The device is characterized for operation
over the free-air temperature range of –40°C to
+105°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22966
WSON (14)
3.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Application Circuit


Similar Part No. - TPS22966DPUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22966DPUT TI1-TPS22966DPUT Datasheet
858Kb / 26P
Dual Channel, Ultra-Low Resistance Load Switch
TPS22966DPUT TI2-TPS22966DPUT Datasheet
797Kb / 30P
TPS22966 5.5-V, 6-A, 16-mΩ On-Resistance Dual-Channel Load Switch
REVISED JULY 2016
TPS22966DPUT.A TI2-TPS22966DPUT.A Datasheet
797Kb / 30P
TPS22966 5.5-V, 6-A, 16-mΩ On-Resistance Dual-Channel Load Switch
REVISED JULY 2016
TPS22966DPUT.B TI2-TPS22966DPUT.B Datasheet
797Kb / 30P
TPS22966 5.5-V, 6-A, 16-mΩ On-Resistance Dual-Channel Load Switch
REVISED JULY 2016
TPS22966DPUTG4 TI2-TPS22966DPUTG4 Datasheet
797Kb / 30P
TPS22966 5.5-V, 6-A, 16-mΩ On-Resistance Dual-Channel Load Switch
REVISED JULY 2016
More results

Similar Description - TPS22966DPUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22995 TI-TPS22995_V01 Datasheet
1Mb / 30P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22997 TI-TPS22997 Datasheet
1,013Kb / 25P
TPS22997 5.5-V, 10-A, 4-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com