Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTFD12B Datasheet(PDF) 12 Page - SOURIAU-SUNBANK Connection Technologies

Part # UTFD12B
Description  The plastic circular connector with metal locking
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

UTFD12B Datasheet(HTML) 12 Page - SOURIAU-SUNBANK Connection Technologies

Back Button UTFD12B Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies UTFD12B Datasheet HTML 7Page - SOURIAU-SUNBANK Connection Technologies UTFD12B Datasheet HTML 8Page - SOURIAU-SUNBANK Connection Technologies UTFD12B Datasheet HTML 9Page - SOURIAU-SUNBANK Connection Technologies UTFD12B Datasheet HTML 10Page - SOURIAU-SUNBANK Connection Technologies UTFD12B Datasheet HTML 11Page - SOURIAU-SUNBANK Connection Technologies UTFD12B Datasheet HTML 12Page - SOURIAU-SUNBANK Connection Technologies UTFD12B Datasheet HTML 13Page - SOURIAU-SUNBANK Connection Technologies UTFD12B Datasheet HTML 14Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
UTG Series
Crimp Contacts (Continued)
Contact 1
Contact 2
Standard male
contact
Standard female
contact
Longer male contact
Standard male
contact
Standard female
contact
FMLB
Shorter female
contact
LMFB
First Mate Last Break contacts should be
chosen only if the cavity is not marked with
the ground symbol. For cavities marked
with the ground symbol, standard contacts
will fulfill the same role as a first mate, last
break contact used in a standard cavity.
Ground symbol
How to make FMLB / LMFB connection
First Mate Last Break Contacts
Contact
size
Type
Wire size
Part number
Max
wire Ø
(mm)
Max
insulator Ø
(mm)
Color band
Available
plating
AWG
mm²
Male
Female
Front
Rear
#16
Ø1.6 mm
Longer male
contact
(+1mm)
Machined
30-28
0.05-0.08
RM28M1GE1-
-
0.55
1.1
-
Red
K, J
26-24
0.13-0.2
RM24M9GE1-
0.8
1.6
Red
Red
22-20
0.32-0.52
RM20M13GE1-
1.18
1.8
Black
Red
RM20M12GE1-
2.2
Blue
Red
20-16
0.52-1.5
RM16M23GE1-
1.8
3.2
-
Red
16-14
1.5-2.5
RM14M30GE1-
2.28
-
-
Red
#16
Ø1.6 mm
Shorter
female contact
(-0.7mm)
Machined
30-28
0.05-0.08
-
RC28M1GE7-
0.55
1.1
-
Blue
K, J
26-24
0.13-0.2
RC24M9GE7-
0.8
1.6
Red
Blue
22-20
0.32-0.52
RC20M13GE7-
1.18
1.8
Black
Blue
RC20M12GE7-
2.2
Blue
Blue
20-16
0.52-1.5
RC16M23GE7-
1.8
3.2
-
Blue
16-14
1.5-2.5
RC14M30GE7-
2.28
-
-
Blue
nt
Re



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com