Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW30N90D Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGW30N90D
Description  N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW30N90D Datasheet(HTML) 3 Page - STMicroelectronics

  STGW30N90D Datasheet HTML 1Page - STMicroelectronics STGW30N90D Datasheet HTML 2Page - STMicroelectronics STGW30N90D Datasheet HTML 3Page - STMicroelectronics STGW30N90D Datasheet HTML 4Page - STMicroelectronics STGW30N90D Datasheet HTML 5Page - STMicroelectronics STGW30N90D Datasheet HTML 6Page - STMicroelectronics STGW30N90D Datasheet HTML 7Page - STMicroelectronics STGW30N90D Datasheet HTML 8Page - STMicroelectronics STGW30N90D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STGW30N90D
Electrical ratings
3/10
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGS = 0)
900
V
IC
(1)
1.
Calculated according to the iterative formula:
Collector current (continuous) at 25°C
60
A
IC
(1)
Collector current (continuous) at 100°C
30
A
ICL
(2)
2.
Vclamp=900V, Tj=125°C, RG=10Ω, VGE=15V
Collector current (pulsed)
135
A
VGE
Gate-emitter voltage
±25
V
PTOT
Total dissipation at TC = 25°C
220
W
If
Diode RMS forward current at TC = 25°C
30
A
Tj
Operating junction temperature
–55 to 150
°C
Tstg
Storage temperature
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.57
°C/W
Rthj-amb
Thermal resistance junction-ambient (diode)
1.6
°C/W
Rthj-amb
Thermal resistance junction-ambient (IGBT)
50
°C/W
I
C
T
C
()
T
JMAX
T
C
–
R
THJ
C
–
V
CESAT MAX
()
T
C
I
C
,
()
×
------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com