Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8230A Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8230A
Description  High Efficiency Single Synchronous Buck PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8230A Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8230A Datasheet HTML 1Page - Richtek Technology Corporation RT8230A Datasheet HTML 2Page - Richtek Technology Corporation RT8230A Datasheet HTML 3Page - Richtek Technology Corporation RT8230A Datasheet HTML 4Page - Richtek Technology Corporation RT8230A Datasheet HTML 5Page - Richtek Technology Corporation RT8230A Datasheet HTML 6Page - Richtek Technology Corporation RT8230A Datasheet HTML 7Page - Richtek Technology Corporation RT8230A Datasheet HTML 8Page - Richtek Technology Corporation RT8230A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
RT8237E
®
DS8237E-02
October 2020
www.richtek.com
1
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
High Efficiency Single Synchronous Buck PWM Controller
General Description
The RT8237E PWM controller provides high efficiency,
excellent transient response, and high DC output accuracy
needed for stepping down high voltage batteries to
generate low voltage CPU core, I/O, and chipset RAM
supplies in notebook computers.
The constant on-time PWM control scheme handles wide
input/output voltage ratios with ease and provides 100ns
“instant-on” response to load transients while maintaining
a relatively constant switching frequency.
The RT8237E achieves high efficiency at a reduced cost
by eliminating the current sense resistor found in
traditional current mode PWMs. Efficiency is further
enhanced by its ability to drive very large synchronous
rectifier MOSFETs and enter diode emulation mode at
light load condition. The Buck conversion allows this device
to directly step down high voltage batteries at the highest
possible efficiency. The pre-set frequency selections
minimize design effort required for new designs. The
RT8237E is intended for CPU core, chipset, DRAM, or
other low voltage supplies as low as 0.7V. The RT8237E
is available in the WDFN-10L 3x3 package.
Features
Wide Input Voltage Range : 2.7V to 26V
Output Voltage Range : 0.7V to 3.3V
Built-In 0.5% 0.7V Reference Voltage
Quick Load-Step Response within 100ns
4700ppm/
°°°°°C Current Source for Current Limit
RDS(ON)
Adjustable Current Limit with Low-Side MOSFET
4 Selectable Frequency Setting
Soft-Start Control
Drives Large Synchronous-Rectifier FETs
Integrated Boot Switch
Built-In OVP/OCP/UVP
Thermal Shutdown
Power Good Indicator
RoHS Compliant and Halogen Free
Applications
Notebook Computers
CPU Core Supply
Chipset/RAM Supply as Low as 0.7V
Generic DC-DC Power Regulator
Simplified Application Circuit
VCC
CS
UGATE
FB
RT8237E
LGATE
BOOT
PHASE
PGOOD
GND
EN
VIN
VOUT
VCC
RF


Similar Part No. - RT8230A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8231B RICHTEK-RT8231B Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8237L RICHTEK-RT8237L Datasheet
809Kb / 23P
High Efficiency Single Synchronous Buck PWM Controller
November 2023
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
Single Synchronous Buck PWM Controller
RT8239 RICHTEK-RT8239 Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
More results

Similar Description - RT8230A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
12V High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
High Efficiency Synchronous Buck PWM Controller
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com