Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XF2H Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # XF2H
Description  0.5 mm-Pitch Rotary-Lock FPC Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2H Datasheet(HTML) 5 Page - Omron Electronics LLC

  XF2H Datasheet HTML 1Page - Omron Electronics LLC XF2H Datasheet HTML 2Page - Omron Electronics LLC XF2H Datasheet HTML 3Page - Omron Electronics LLC XF2H Datasheet HTML 4Page - Omron Electronics LLC XF2H Datasheet HTML 5Page - Omron Electronics LLC XF2H Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
XF2H
XF2H
5
Precautions
J
RECOMMENDED REFLOW CONDITIONS
Pre-heat
Temperature: 150±10°C
Time:
60 to 120 seconds
Soldering
Temperature: 200 to 240°C
Time:
Not exceeding 30 seconds
(Not exceeding 10 seconds at 240°C
maximum temperature.)
J
STORAGE
Do not store under high humidity levels as this may cause
deterioration of the insulation.
J
HANDLING THE FPC
Do not forcibly bend or pull an FPC which has been mounted and
locked. This may cause discontinuities in the FPC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com