Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9544AD Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCA9544AD
Description  4-channel I2C-bus multiplexer with interrupt logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9544AD Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCA9544AD Datasheet HTML 23Page - NXP Semiconductors PCA9544AD Datasheet HTML 24Page - NXP Semiconductors PCA9544AD Datasheet HTML 25Page - NXP Semiconductors PCA9544AD Datasheet HTML 26Page - NXP Semiconductors PCA9544AD Datasheet HTML 27Page - NXP Semiconductors PCA9544AD Datasheet HTML 28Page - NXP Semiconductors PCA9544AD Datasheet HTML 29Page - NXP Semiconductors PCA9544AD Datasheet HTML 30Page - NXP Semiconductors PCA9544AD Datasheet HTML 31Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
PCA9544A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 23 April 2014
28 of 31
NXP Semiconductors
PCA9544A
4-channel I2C-bus multiplexer with interrupt logic
17. Revision history
Table 14.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9544A v.5
20140423
Product data sheet
-
PCA9544A v.4
Modifications:
• Section 2 “Features and benefits”, 16th bullet item: deleted phrase “200 V MM per JESD22-A115”
• Table 1 “Ordering information”: added “Topside marking” column
• Table 2 “Ordering options”: added “Orderable part number”, “Packing method”, and “Minimum order
quantity” columns
• Table 4 “Control register: Write — channel selection; Read — channel status”: value for INT0,
command ‘channel 3 enabled’ corrected from “0” to “X” (correction to documentation only;
no change to device)
• Section 6.4 “Power-on reset”, first paragraph, third sentence: corrected from “VDD must be lowered
below 0.2 V to reset the device” to “In order to reset the device, VDD must be lowered below 0.2 V
for at least 5
s.” (correction to documentation only; no change to device)
• Table 6 “Limiting values”: added limiting value “Tj(max)”
• Added (new) Section 10 “Thermal characteristics”
• Table 8 “Static characteristics at VDD = 2.3 V to 3.6 V”:
– Table note [2]: inserted phrase “for at least 5
s”
– subsection “Select inputs A0 to A2, INT0 to INT3”: Max value for VIH corrected from
“VDD + 0.5 V” to “6 V” (correction to documentation only; no change to device)
• Table 9 “Static characteristics at VDD = 4.5 V to 5.5 V”:
– Table note [2]: inserted phrase “for at least 5
s”
– subsection “Select inputs A0 to A2, INT0 to INT3”: Max value for VIH corrected from
“VDD + 0.5 V” to “6 V” (correction to documentation only; no change to device)
• Figure 15 “Definition of timing on the I2C-bus” updated (added 0.3  VDD and 0.7  VDD reference
lines)
• Added Section 15 “Soldering: PCB footprints”
PCA9544A v.4
20090615
Product data sheet
-
PCA9544A v.3
PCA9544A v.3
20081124
Product data sheet
-
PCA9544A v.2
PCA9544A v.2
(9397 750 13931)
20040929
Product data sheet
-
PCA9544A v.1
PCA9544A v.1
(9397 750 13301)
20040728
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com