Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB679GD Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # NB679GD
Description  28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679GD Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button NB679GD Datasheet HTML 11Page - Monolithic Power Systems NB679GD Datasheet HTML 12Page - Monolithic Power Systems NB679GD Datasheet HTML 13Page - Monolithic Power Systems NB679GD Datasheet HTML 14Page - Monolithic Power Systems NB679GD Datasheet HTML 15Page - Monolithic Power Systems NB679GD Datasheet HTML 16Page - Monolithic Power Systems NB679GD Datasheet HTML 17Page - Monolithic Power Systems NB679GD Datasheet HTML 18Page - Monolithic Power Systems NB679GD Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
NB679A
–28V VIN, FIXED 5.1V-8A BUCK CONVERTER WITH LDO AND LP# VOUT SCALING
NB679A Rev. 1.03
www.MonolithicPower.com
15
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
If an application requires a higher under-voltage
lockout (UVLO), use EN to adjust the input
voltage UVLO using two external resistors (see
Figure 5). Note that there is a
600kΩ internal pull
low resistor on the EN Pin. The Calculation of the
two resistors need to consider this resistor.
It is recommended to use the enable resistors to
set the Vin falling threshold above 5.5V. The
rising threshold should be set to provide enough
hysteresis to allow for any input supply variations.
Figure 5: Adjustable UVLO
To avoid too much sink current on EN when
Rdown is not applied, the EN resistor (Rup) is
usually in the range of 1M-2M
Ω. A typical pull-up
resistor is 2M
Ω.
Thermal Shutdown
Thermal shutdown is employed in the NB679A.
The junction temperature of the IC is monitored
internally. If the junction temperature exceeds the
threshold value (140ºC, typically), the converter
shuts off. This is a non-latch protection. There is
about
25ºC
hysteresis.
Once
the
junction
temperature drops to about 115ºC, it initiates a
SS.
Output Discharge
NB679A discharges the output when EN is low,
or the controller is turned off by the protection
functions UVP, OCP, OCP, OVP, UVLO, and
thermal shutdown. The part discharges outputs
using an internal 6
Ω MOSFET from Vout Pin, so
it is suggest that the Vout trace need to be over
20mil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com