Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC-R9 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # SBC-R9
Description  SBC-R9™ RISC Embedded Computing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

SBC-R9 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  SBC-R9 Datasheet HTML 1Page - Sealevel Systems, Inc. SBC-R9 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.sealevel.com > Tel: 864.843.4343 > sales@sealevel.com
Real-Time Embedded Computing with Industrial I/O
Features
Atmel
>
AT91SAM9263 ARM® Processor
Up to 256MB SDRAM and 256MB Flash Memory
>
Dual SD/MMC Expansion Card Slots
>
LCD and Backlight Controller
>
Resistive Touchscreen Controller
>
10/100 BaseT Ethernet
>
Two USB 2.0 Ports; USB Device Port
>
CAN Bus Interface
>
On-board Serial, Digital, and Analog I/O
>
Low Power Requirements
>
Compatible with Windows Embedded CE 6.0 and
>
Linux
The SBC-R9 is an application-ready platform for
your next product design. The system is based on
the 200MIPS Atmel AT91SAM9263 microcontroller
boasting a 32-bit ARM® instruction set for
maximum performance. With up to 256MB RAM
and 256MB Flash
memory, the unmatched
I/O features of the SBC-
R9 extend the possible
uses beyond traditional
ARM applications.
To provide the fastest time to market, the Windows CE 6.0 BSP binary and
low-level drivers for system I/O are included. Additionally, the SBC-R9 software
package is equipped with the Sealevel Talos I/O Framework, which offers a
high-level object-oriented .NET Compact Framework (CF) device interface. This
interface provides an I/O point abstraction layer with built-in support for the
specific needs of analog and digital I/O such as gain control and debouncing.
Perfect
for
Product
Development
Ask About
Custom
Product Design
The SBC-R9 delivers RISC computing power with a wealth of I/O features
and uses the latest embedded software environment.
SBC-R9 RISC Embedded Computing
™


Similar Part No. - SBC-R9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SBC-11 MACOM-SBC-11 Datasheet
194Kb / 3P
Type SBC (Square Ceramic) Series
SBC-11 MACOM-SBC-11 Datasheet
199Kb / 3P
Type SBC (Square Ceramic) Series
logo
TE Connectivity Ltd
SBC-11 TEC-SBC-11 Datasheet
199Kb / 3P
High Power Resistor
logo
Hanwha Vision Co., Ltd....
SBC-140WB HANWHAVISION-SBC-140WB Datasheet
746Kb / 3P
Skin Cover
logo
Tyco Electronics
SBC-15 MACOM-SBC-15 Datasheet
194Kb / 3P
Type SBC (Square Ceramic) Series
More results

Similar Description - SBC-R9

ManufacturerPart #DatasheetDescription
logo
Winbond
W90210F WINBOND-W90210F Datasheet
297Kb / 67P
PA-RISC EMBEDDED CONTROLLER
logo
List of Unclassifed Man...
TH-0635 ETC2-TH-0635 Datasheet
452Kb / 1P
RISC based HMI Computing Series
TH-0735W ETC2-TH-0735W Datasheet
435Kb / 1P
RISC based HMI Computing Series
TH-0835 ETC2-TH-0835 Datasheet
450Kb / 1P
RISC based HMI Computing Series
TH-1035 ETC2-TH-1035 Datasheet
456Kb / 1P
RISC based HMI Computing Series
TH-1235 ETC2-TH-1235 Datasheet
462Kb / 1P
RISC based HMI Computing Series
TH-1535 ETC2-TH-1535 Datasheet
473Kb / 1P
RISC based HMI Computing Series
logo
Intel Corporation
RG82875 INTEL-RG82875 Datasheet
186Kb / 2P
Intel 875P Chipset for Embedded Computing
logo
Advantech Co., Ltd.
1700090301 ADVANTECH-1700090301 Datasheet
292Kb / 4P
Embedded Computing Peripherals
UBC-330 ADVANTECH-UBC-330 Datasheet
2Mb / 4P
TI Sitara™ AM3352 Cortex®-A8 RISC Computing Box
7-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com