Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4510091 Datasheet(PDF) 2 Page - Lapp.

Part # 4510091
Description  H05V-K
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

4510091 Datasheet(HTML) 2 Page - Lapp.

  4510091 Datasheet HTML 1Page - Lapp. 4510091 Datasheet HTML 2Page - Lapp. 4510091 Datasheet HTML 3Page - Lapp. 4510091 Datasheet HTML 4Page - Lapp. 4510091 Datasheet HTML 5Page - Lapp. 4510091 Datasheet HTML 6Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT INFORMATION
H05V-K <HAR>
Technical Data
Classification:
ETIM 5.0 Class-ID: EC000993
ETIM 5.0 Class-Description: Single core cable
Conductor stranding:
Fine wire according to VDE 0295 Class 5/ IEC 60228 Class 5
Minimum bending radius:
According to EN 50565-1
4 x outer diameter (OD) for normal use; 2 x OD for cautions
bending
Nominal voltage:
U0/U: 300/500 V
Test voltage:
2000 V
Current rating:
VDE 0298 Part 4
EN 50565-1/ VDE 0298-565-1
Temperature range:
Fixed installation: -40°C to +80°C
Moved: +5°C to +70°C
Note
Unless specified otherwise, the shown product values are nominal values. Detailed values (e.g. tolerances) are available upon
request.
Copper price basis: EUR 150/100 kg. Refer to catalogue appendix T17 for the definition and calculation of copper-related
surcharges.
Photographs are not to scale and do not represent detailed images of the respective products.
* Prices are net prices without VAT and surcharges. Sale to business customers.
The outer diameters stated in the part number table are maximum values.
Last Update (03.01.2017)
2 / 6
©2017 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com