Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP301202 Datasheet(PDF) 6 Page - Eaton All Rights Reserved.

Part # LP301202
Description  Single Row Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP301202 Datasheet(HTML) 6 Page - Eaton All Rights Reserved.

  LP301202 Datasheet HTML 1Page - Eaton All Rights Reserved. LP301202 Datasheet HTML 2Page - Eaton All Rights Reserved. LP301202 Datasheet HTML 3Page - Eaton All Rights Reserved. LP301202 Datasheet HTML 4Page - Eaton All Rights Reserved. LP301202 Datasheet HTML 5Page - Eaton All Rights Reserved. LP301202 Datasheet HTML 6Page - Eaton All Rights Reserved. LP301202 Datasheet HTML 7Page - Eaton All Rights Reserved. LP301202 Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
19
EATON www.eaton.com
Terminal Styles Inches (Millimeters)
Screw Options
(Bulk ordering part numbers are in parentheses)
CB3 Terminal Exit Options Inches (Millimeters)
Part Numbering System
Family
Terminal Style
Base/End
Poles
Screw Options
Options
CB3 - closed back
01 - handwired
#6-32 screw
02 - printed circuit
#6-32 screw
07 - extended pin
#6-32 screw
51* - handwired
#8-32 screw
52* - printed circuit
#8-32 screw
1 - mount end
2 - barrier end
02 to 22 barrior
end
02 to 20
on mount
end
07 - steel SEMS
(standard)
09 - brass SEMS
nickel-plated
CA - SEMS captive
A7 to A9 - 0.250” QC
B7 to B9 - 0.187” QC
EB exit back terminals
L1 to L6 marking options
(pg 25)
LT1 to LT6 marking options
(pg 25)
MP mtg. plates (pg 20)
Covers - (pg 26)
*Note: #8-32 screw is a special with #6-32 head.
CB3
Single RowTerminal Blocks
C
3
B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com