| Electronic Components Datasheet Search |
|
LNK3205P/G/D Datasheet(PDF) 8 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
LNK3205P/G/D Datasheet(HTML) 8 Page - Power Integrations, Inc. |
|
8 / 28 page ![]() Rev. Q 06/23 8 LinkSwitch-TN2 www.power.com Table 2 (cont). Common Circuit Configurations using LinkSwitch-TN2. Topology Basic Circuit Schematic Key Features Low-Side Buck-Boost – Optocoupler Feedback 1. Output referenced to input 2. Positive output (V O) with respect to +VIN 3. Step up/down – V O > VIN or VO < VIN 4. Optocoupler feedback - Accuracy only limited by reference choice - Low cost non-safety rated optocoupler - No pre-load required 5. Fail-safe – output is not subjected to input voltage if the internal power MOSFET fails 6. Minimum no-load consumption LinkSwitch-TN2 PI-7848-031616 + BP/M FB D S VO VIN + LinkSwitch-TN2 Layout Considerations In the buck or buck-boost converter configuration, since the SOURCE pins in LinkSwitch-TN2 are switching nodes, the copper area connected to SOURCE should be minimized to minimize EMI within the thermal constraints of the design. In the boost configuration, since the SOURCE pins are tied to DC return, the copper area connected to SOURCE can be maximized to improve heat sinking. Figures 9a, 9b and 9c are printed circuit board layout design examples for the circuit schematic shown in Figure 8. The loop formed between the LinkSwitch-TN2, inductor (L1), freewheeling diode (D1), and output capacitor (C2) should be kept as small as possible. The BYPASS pin capacitor C1 should be located physically close to the SOURCE (S) and BYPASS (BP) pins. To minimize direct coupling from switching nodes, the LinkSwitch-TN2 should be placed away from AC input lines. It may be advantageous to place capacitors C4 and C5 in-between LinkSwitch-TN2 and the AC input. The second rectifier diode D4 is optional, but may be included for better EMI performance and higher line surge withstand capability. Figure 9a. Recommended Printed Circuit Layout for LinkSwitch-TN2 using P Package. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |