Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS7523L/H Datasheet(PDF) 29 Page - Power Integrations, Inc.

Part # PFS7523L/H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7523L/H Datasheet(HTML) 29 Page - Power Integrations, Inc.

Back Button PFS7523L/H Datasheet HTML 25Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 26Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 27Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 28Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 29Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 30Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 31Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 32Page - Power Integrations, Inc. PFS7523L/H Datasheet HTML 33Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Rev. D 04/25
29
PFS7523-7529/7533-7539
www.power.com
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Qspeed Diode (3A) PFS7523-7529/7533-7535
DC Characteristics
Reverse Current
I
R
V
R = 530 V
T
J(D) = 25 °C
0.4
µ
A
T
J(D) = 100 °C
0.07
mA
Forward Voltage
V
F
I
F = 3 A
T
J(D) = 25 °C
1.55
V
T
J(D) = 100 °C
1.47
Junction Capacitance
C
J
V
R = 10 V, 1 MHz
18
pF
Dynamic Characteristics (Note: See Figures 19, 20 for dynamic characteristic definition)
Reverse Recovery Time
t
RR
di/dt = 200 A/µs,
V
R = 400 V
I
F = 3 A
T
J(D) = 25 °C
26.5
ns
T
J(D) = 100 °C
32
Reverse Recovery
Charge
Q
RR
di/dt = 200 A/µs,
V
R = 400 V
I
F = 3 A
T
J(D) = 25 °C
40.6
nC
T
J(D) = 100 °C
65.7
Maximum Reverse
Recovery Current
I
RRM
di/dt = 200 A/µs,
V
R = 400 V
I
F = 3 A
T
J(D) = 25 °C
2.1
A
T
J(D) = 100 °C
3.0
Softness Factor = t
B/tA
S
di/dt = 200 A/µs,
V
R = 400 V
I
F = 3 A
T
J(D) = 25 °C
1
T
J(D) = 100 °C
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com