Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS7524L/H Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # PFS7524L/H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7524L/H Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button PFS7524L/H Datasheet HTML 9Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 10Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 11Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 12Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 13Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 14Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 15Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 16Page - Power Integrations, Inc. PFS7524L/H Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Rev. D 04/25
13
PFS7523-7529/7533-7539
www.power.com
Application Example 2
A High Efficiency, 750 W, 385 VDC High-Line Input PFC
The circuit shown in Figure 14 is designed using a device from the
HiperPFS- 3 family of integrated PFC controllers. This design is rated
for a continuous output power of 750 W and provides a regulated
output voltage of 385 VDC nominal, maintaining a high input power
factor and overall efficiency from light load to full load.
Fuse F1 provides protection to the circuit and isolates it from the AC
supply in the event of a fault. Diode bridge BR1 and BR2 rectifies the
AC input voltage. Capacitors C32, C33, C35, C36, C37, C38, C60, C61
and C62 together with inductors L1, L2 and L4 form the EMI filter
which reduces the common mode and differential mode noise.
Resistors R42, R43 and CAPZero, IC U5 are required to discharge the
EMI filter capacitors once the circuit is disconnected. CAPZero
eliminates static losses in R1 and R2 by only connecting these
components across the input when AC is removed.
Metal oxide varistor (MOV) RV1 protects the circuit during line surge
events by effectively clamping the input voltage seen by the power
supply.
The boost converter stage consists of inductor T2, and the Hiper-
PFS-3 IC U6. This stage functions as a boost converter and controls
the input current of the power supply while simultaneously regulating
the output DC voltage. Diode D8 prevents a resonant buildup of
output voltage at start-up by bypassing inductor T2 while simultane-
ously charging output capacitors C40 and C49.
Thermistor RT1 limits the inrush input current of the circuit at
start-up and prevents saturation of T2. In most high-performance
designs, a relay will be used to bypass the thermistor after start-up to
improve power supply efficiency. Thermistor RT1 is bypassed by the
electro-mechanical relay RL1 after the output voltage is in regulation.
Resistor R45, R46 and Q10 drive relay RL1 with a signal from Down
Stage DC/DC converter. Diode D9 clamps the relay coil reverse
voltage during de-assertion transitions.
Capacitor C41 is used for reducing the loop length and area of the
output circuit to reduce EMI and overshoot of voltage across the
drain and source of the MOSFET inside U6 at each switching edge.
The PFS7527H IC requires a regulated supply of 12 V for operation
and must not exceed 15 V. Resistors R52, R71, Zener diode VR3,
Diode D11 and transistor Q2 form a series pass regulator that
prevents the supply voltage to IC U6 from exceeding 15 V. Capacitor
C47 filter the supply voltage and provide bypassing and decoupling to
ensure reliable operation of IC U6.
Resistor R53 programs the output voltage level [via the power good
threshold (PGT) pin] below which the power good [PG] pin will go
into a high-impedance state. Capacitor C43 provides noise immunity
on the POWER GOOD THRESHOLD pin.
IC U6 is configured in full power mode by capacitor C44 which is
connected to the REFERENCE pin.
The rectified AC input voltage of the power supply is sensed by IC U6
using resistors R48, R50, R51 and R56. These resistors values are
large to minimize power consumption. Capacitor C45 connected in
parallel with the bottom resistor R56 filters noise coupled into the
VOLTAGE MONITOR pin.
Output voltage divider network comprising of resistors R47, R49, R55
and R57 are used to scale the output voltage and provide feedback to
the IC. Capacitor C48 in parallel with resistor R57 attenuates high
frequency noise.
R54, C46 and C42 are required for shaping the loop response of the
feedback network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com