Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP5206 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP5206
Description  Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5206 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP5206 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IP5305T
V1.0
http://www.injoinic.com/
2 / 14
Copyright © 2014, Injoinic Corp.
Micro-B
VIN
GND
2.2UH
TYPE-A
DM
DP
VOUT
GND
VIN
VOUT
LED1
/VSET
LED2
/VTHS
LED3
KEY
/WLED
BAT
SW
RVSET
RVTHS
IP5305T
1
2
3
4
8
7
6
5
EPAD
Figure 1 Simplified application schematic (4 LEDs as the SOC indicator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com