Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8002A Datasheet(PDF) 1 Page - INCOME TECHNOLOGY

Part # 8002A
Description  Power Output at 5.0V, 10% THDN, 3Ω 3W (typ)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INCOME [INCOME TECHNOLOGY]
Direct Link  
Logo INCOME - INCOME TECHNOLOGY

8002A Datasheet(HTML) 1 Page - INCOME TECHNOLOGY

  8002A Datasheet HTML 1Page - INCOME TECHNOLOGY 8002A Datasheet HTML 2Page - INCOME TECHNOLOGY 8002A Datasheet HTML 3Page - INCOME TECHNOLOGY 8002A Datasheet HTML 4Page - INCOME TECHNOLOGY 8002A Datasheet HTML 5Page - INCOME TECHNOLOGY 8002A Datasheet HTML 6Page - INCOME TECHNOLOGY 8002A Datasheet HTML 7Page - INCOME TECHNOLOGY 8002A Datasheet HTML 8Page - INCOME TECHNOLOGY 8002A Datasheet HTML 9Page - INCOME TECHNOLOGY Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
8002
8002
8002
8002
Page 4 of 17
General Description
The 8002 is an audio power amplifier primarily designed for demanding applications in low-power portable
systems. It is capable of delivering 3 watts of continuous average power to an 3
BTL load with less than 10%
distortion (THD) from a 5VDC power supply. the 8002 does not require output coupling capacitors or bootstrap
capacitors, and therefore is ideally suited for mobile phone and other low voltage applications where minimal power
consumption is a primary requirement.the 8002 features a low-power consumption shutdown mode.the 8002 contains
advanced pop & click circuitry which eliminates noise which would otherwise occur during turn-on and turn-off
transitions. The 8002 is unity-gain stable and can be configured by external gain-setting resistors
Features
Power Output at 5.0V, 10% THD+N, 3
3W (typ)
Power Output at 5.0V,10% THD+N,4
2.65W (typ)
Power Output at 5.0V,10% THD+N,8
1.8W (typ)
Shutdown Current 0.6µA (typ)
Available in space-saving packages: SOP
Improved pop & click circuitry eliminates noise during turn-on and turn-off transitions
2.20- 5.5V operation
No output coupling capacitors, snubber networks or bootstrap capacitors required
Unity-gain stable
External gain configuration capability
Applications
Portable computers
Desktop computers
Low voltage audio systems
Typical Application Circuit
ypical Audio Amplifier Application Circuit


Similar Part No. - 8002A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8002A ETC2-8002A Datasheet
629Kb / 17P
Portable computers
logo
ShenZhen ChipSourceTek ...
8002A CHIPSOURCETEK-8002A Datasheet
592Kb / 7P
No output coupling capacitors or external snubber circuits required
More results

Similar Description - 8002A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4065 SANYO-STK4065 Datasheet
395Kb / 9P
Car Stereo Use Power Amplifier (25W min, THD = 10%)
logo
Integrated Silicon Solu...
IS31AP2010B ISSI-IS31AP2010B Datasheet
390Kb / 12P
3W@5.0V MONO FILTER-LESS, CLASS-D AUDIO POWER AMPLIFIER
logo
Lowpower Semiconductor ...
LPA2160-00 POWER-LPA2160-00 Datasheet
1Mb / 13P
Po at 10% THD plus N, VIN = 3.7V
logo
MicroPower Direct, LLC
MPL-03SEUP MPD-MPL-03SEUP Datasheet
1Mb / 4P
3W Output Power
MPM-03SMM MPD-MPM-03SMM Datasheet
532Kb / 2P
3W Output Power
MPM-03S MPD-MPM-03S Datasheet
326Kb / 2P
3W Output Power
logo
RICOH electronics devic...
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
April 1, 2012
logo
Integrated Silicon Solu...
IS31AP2010B-UTLS2-TR ISSI-IS31AP2010B-UTLS2-TR Datasheet
366Kb / 13P
3W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
HXJ8002 ETC2-HXJ8002 Datasheet
360Kb / 3P
HXJ8002 is a single-channel 3W audio power amplifier with BTL bridge connection. It can operate at 5V voltage, 3廓 load, provide THD<10% and average 3W output power
logo
DIWELL Electronics Co.,...
IRM-03 DIWELL-IRM-03 Datasheet
96Kb / 4P
3W Output Switching Power Supply
2016-07-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com