Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP5206 Datasheet(PDF) 8 Page - Injoinic Technology Co.,Ltd.

Part # IP5206
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5206 Datasheet(HTML) 8 Page - Injoinic Technology Co.,Ltd.

Back Button IP5206 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5206 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
8 / 28
Copyright © 2015, Injoinic Corp.
Switch frequency
fs
Discharge switch frequency
325
375
425
KHz
Charge switch frequency
450
500
550
KHz
NMOS on resistance
rDSON
Upper NMOS
9
11
mΩ
NMOS on resistance
Lower NMOS
9
11
mΩ
VREG output voltage
VREG
VBAT=3.7V
3.2
3.3
3.4
V
Battery port standby
current
ISTB
VIN=0V, VBAT=3.7V, average current
100
uA
LDO output current
ILDO
20
30
40
mA
LED
light
driving
current
IWLED
10
15
20
mA
LED
display
driving
current
IL1
IL2
IL3
Voltage decrease 10%
5
7
9
mA
Light load shut down
detect time
T1load
Total load power lower than 300mW
25
32
44
s
Output port light load
shut down detect time
T2load
Duration of voltage drop from VSN to
VOUT2 (or VOUT2, or VBUS) less
than 1.8mV
T1load/2
s
Short press on key
wake up time
TOnDebounce
60
500
ms
Time of WLED turn on
TKeylight
1.2
2
3
s
Thermal
shut
down
temperature
TOTP
Rising temperature
130
140
150
℃
Thermal
shut
down
hysteresis
ΔTOTP
40
℃
6. Function Description
Low power lock out and activation
The first time IP5328P access to the battery, whatever the battery voltage, IC is in lock out state, battery level
indicator LED will flash four times; Under non-charging state, if the battery voltage is too low to trigger the low
power shutdown, IP5328P will enter lock out state too.
Under the lock out state, to decrease the quiescent power, IP5328P do not support plug in detect function or
key press activation function. During which, key press action will not trigger boost output, and battery level
indicator LED will flash four times.
Under the lock out state, only by entering charging status can activate IP5328P’s full function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com