Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

719 Datasheet(PDF) 2 Page - Binder UK Ltd.

Part # 719
Description  Subminiature connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BINDER [Binder UK Ltd.]
Direct Link  https://www.binder-connector.com/uk/
Logo BINDER - Binder UK Ltd.

719 Datasheet(HTML) 2 Page - Binder UK Ltd.

  719 Datasheet HTML 1Page - Binder UK Ltd. 719 Datasheet HTML 2Page - Binder UK Ltd. 719 Datasheet HTML 3Page - Binder UK Ltd. 719 Datasheet HTML 4Page - Binder UK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Termination
solder
Degree of protection
IP40
Connection cross-section
0.25 mm² / AWG 24
Temperature range from/to
-25 °C / 70 °C
Mechanical operation
> 100 Mating cycles
Weight (g)
1.14
Customs tariff number
85369010
Country of Origin
DE
Electrical parameters
Rated voltage
60 V
Rated impulse voltage
800 V
Rated current
3,0 A
Insulation resistance
≥ 10 Ω
10
Pollution degree
1
Overvoltage category
II
Insulating material group
III
EMC compliance
unshielded
Material
Housing material
PA
Contact body material
PA
Contact material
CuZn (brass)
Contact plating
Au (gold)
REACH SVHC
CAS 7439-92-1 (Lead)
SCIP number
666bc193-9b36-430c-875d-8aee4ef76b34
Classifications
eCl@ss 11.1
27-44-01-09
ETIM 9.0
EC003569
Product data sheet
Subminiature connectors
Product description
Snap-In Male panel mount connector, Contacts: 3, unshielded, solder, IP40
 
 
Area
series 719
Part no.
09 9749 30 03
Date: 05.09.2025



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com