Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2264CPWR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2264CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2264CPWR Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLC2264CPWR Datasheet HTML 31Page - Texas Instruments TLC2264CPWR Datasheet HTML 32Page - Texas Instruments TLC2264CPWR Datasheet HTML 33Page - Texas Instruments TLC2264CPWR Datasheet HTML 34Page - Texas Instruments TLC2264CPWR Datasheet HTML 35Page - Texas Instruments TLC2264CPWR Datasheet HTML 36Page - Texas Instruments TLC2264CPWR Datasheet HTML 37Page - Texas Instruments TLC2264CPWR Datasheet HTML 38Page - Texas Instruments TLC2264CPWR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 75 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
MAXIMUM POSITIVE OUTPUT VOLTAGE†
vs
OUTPUT CURRENT
| IO | – Output Current – µA
3
2
1
0
0
500
1000
4
5
6
1500
2000
3000
3500
2500
VDD
± = ±5 V
TA = 125°C
TA = 25°C
TA = – 55°C
TA = – 40°C
Figure 19
01
2
MAXIMUM NEGATIVE OUTPUT VOLTAGE†
vs
OUTPUT CURRENT
345
6
– 3.8
– 4
– 4.2
– 4.4
– 4.6
– 4.8
– 5
VDD
± = ±5 V
VIC = 0
TA = 125°C
TA = 25°C
TA = – 55°C
IO – Output Current – mA
TA = – 40°C
6
5
3
1
0
10
4
8
7
9
f – Frequency – Hz
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE†‡
vs
FREQUENCY
2
103
104
105
106
VDD = 5 V
VDD
± = ±5 V
RL = 10 kΩ
TA = 25°C
‡ For curves where VDD = 5 V, all loads are referenced to 2.5 V.
Figure 20
Figure 21
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
| VDD
± | – Supply Voltage – V
2
3
4567
8
12
10
8
6
4
2
0
– 2
– 4
VID = – 100 mV
VO = 0
TA = 25°C
VID = 100 mV
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com