Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0050000 Datasheet(PDF) 2 Page - Lapp.

Part # 0050000
Description  ÖLFLEX® HEAT 180 SiF
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

0050000 Datasheet(HTML) 2 Page - Lapp.

  0050000 Datasheet HTML 1Page - Lapp. 0050000 Datasheet HTML 2Page - Lapp. 0050000 Datasheet HTML 3Page - Lapp. 0050000 Datasheet HTML 4Page - Lapp. 0050000 Datasheet HTML 5Page - Lapp. 0050000 Datasheet HTML 6Page - Lapp. 0050000 Datasheet HTML 7Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRODUCT INFORMATION
ÖLFLEX® HEAT 180 SiF
Application range
Areas with high ambient temperatures where conventional core insulation materials will embrittle after a short while
Typical fields of application
- Control cabinet manufacturing
- Appliances and apparatus engineering
- Electric motor industry
- Sauna/solarium construction
- Thermal and heating elements
- Lighting technology
- Ventilator engineering
- Air-conditioning technology
- Furnace construction
- Polymer processing
- Generator and transformer manufacturing
Product features
Halogen-free according to IEC 60754-1
(amount of halogen acid gas)
Corrosiveness of combustion gases according to IEC 60754-2 (degree of acidity)
Flame-retardant according IEC 60332-1-2
Resistant to a multitude of oils, alcohols, vegetable and animal fats and chemical substances
Adequate ventilation must be ensured, since the mechanical properties of silicone cables decrease from +100°C in the absence
of air
Product Make-up
Fine-wire, tinned-copper conductor
Silicone-based insulation
Technical Data
Classification ETIM 5:
ETIM 5.0 Class-ID: EC000993
ETIM 5.0 Class-Description: Single core cable
Classification ETIM 6:
ETIM 6.0 Class-ID: EC000993
ETIM 6.0 Class-Description: Single core cable
Conductor stranding:
Fine wire acc. to VDE 0295, class 5 / IEC 60228 class 5 from
0.5 mm²
Minimum bending radius:
Fixed installation: 6 x core diameter
One bend at end of core:
3 x cable diameter
Nominal voltage:
U0/U: 300/500 V
Test voltage:
2000 V
Temperature range:
-50 °C to +180 °C
(adequate ventilation required)
Short-term: +200°C
Last Update (10.02.2018)
2 / 7
©2018 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com