Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0050002 Datasheet(PDF) 1 Page - Lapp.

Part # 0050002
Description  ÖLFLEX® HEAT 180 SiF
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

0050002 Datasheet(HTML) 1 Page - Lapp.

  0050002 Datasheet HTML 1Page - Lapp. 0050002 Datasheet HTML 2Page - Lapp. 0050002 Datasheet HTML 3Page - Lapp. 0050002 Datasheet HTML 4Page - Lapp. 0050002 Datasheet HTML 5Page - Lapp. 0050002 Datasheet HTML 6Page - Lapp. 0050002 Datasheet HTML 7Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT INFORMATION
ÖLFLEX® HEAT 180 SiF
Versatile single core cable with extended temperature range
ÖLFLEX® HEAT 180 SiF - fine wire silicone single core for use in machines, plant construction and toolbuilding for
temperatures up to +180°C
Info
Flexible fine-wire copper conductor
Temperature-resistant
Halogen-free
Cold-resistant
Benefits
Possesses insulating properties after combustion due to remaining SiO2 ash on the conductor
Last Update (10.02.2018)
1 / 7
©2018 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16


Similar Part No. - 0050002

ManufacturerPart #DatasheetDescription
logo
KNIPEX
005001TBK KNIPEX-005001TBK Datasheet
143Kb / 2P
Tether
05.07.2021
005002TBK KNIPEX-005002TBK Datasheet
106Kb / 1P
Adapter Strap
05.07.2021
005003TBK KNIPEX-005003TBK Datasheet
158Kb / 2P
Carabiner 2 pieces
05.07.2021
005004TBK KNIPEX-005004TBK Datasheet
132Kb / 1P
Tethering System Set
05.07.2021
005005TBK KNIPEX-005005TBK Datasheet
108Kb / 1P
Tethering System Set
05.07.2021
More results

Similar Description - 0050002

ManufacturerPart #DatasheetDescription
logo
Lapp.
0046001 LAPP-0046001 Datasheet
66Kb / 1P
OLFLEX® HEAT 180 SiHF
05.08.2019
0046201 LAPP-0046201 Datasheet
72Kb / 1P
OLFLEX® HEAT 180 GLS
31.08.2020
0046600 LAPP-0046600 Datasheet
72Kb / 1P
OLFLEX® HEAT 180 MS
01.01.2019
0046701 LAPP-0046701 Datasheet
74Kb / 1P
OLFLEX® HEAT 180 C MS
01.01.2019
0046900 LAPP-0046900 Datasheet
167Kb / 1P
OLFLEX® HEAT 180 HO5SS-F EWKF
01.01.2019
0047000 LAPP-0047000 Datasheet
67Kb / 1P
OLFLEX® HEAT 180 SiF
01.01.2019
UDB201803 LAPP-UDB201803 Datasheet
130Kb / 2P
ÖLFLEX® TRAY VTC & VTCS
May 10, 2022
UDB281803 LAPP-UDB281803 Datasheet
105Kb / 2P
ÖLFLEX® CONTROL TM & ÖLFLEX® CONTROL TM CY
January 1, 2019
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
ÖLFLEX® 190 & 190 CY
January 1, 2019
UDB611803 LAPP-UDB611803 Datasheet
110Kb / 2P
ÖLFLEX® POWER MULTI
January 1, 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com