Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICVN2103C100PR Datasheet(PDF) 4 Page - Johanson Dielectrics Inc

Part # ICVN2103C100PR
Description  SMD CHIP VARISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSONDIELECTRICS [Johanson Dielectrics Inc]
Direct Link  https://www.johansondielectrics.com/
Logo JOHANSONDIELECTRICS - Johanson Dielectrics Inc

ICVN2103C100PR Datasheet(HTML) 4 Page - Johanson Dielectrics Inc

  ICVN2103C100PR Datasheet HTML 1Page - Johanson Dielectrics Inc ICVN2103C100PR Datasheet HTML 2Page - Johanson Dielectrics Inc ICVN2103C100PR Datasheet HTML 3Page - Johanson Dielectrics Inc ICVN2103C100PR Datasheet HTML 4Page - Johanson Dielectrics Inc ICVN2103C100PR Datasheet HTML 5Page - Johanson Dielectrics Inc ICVN2103C100PR Datasheet HTML 6Page - Johanson Dielectrics Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
15191 Bledsoe St., Sylmar, CA 91342
Tel (818) 364-9800
• Fax (818) 364-6100
Varistors
Page 5 of 14
CHIP VARISTOR STANDARD SPECIFICATIONS BY SIZE
JC Part Number
Working
Voltage
Varistor
Voltage
Clamping
Voltage
Peak
Current
Transient
Energy
Capacitance
Symbol
VWM
VS
VC
Ipeak
Etrans
C
Units
Volts
(max)
Volts
Volts
(max)
Amp
(max.)
Joules
(max.)
pF
(typ)
Chip Size
Test Condition
<50
µA
1 mA DC
8/20
µs
8/20
µs
10/1000
µs
0.5Vrms @
1MHz
ICVN0505X150
5.6
7.6 -9.3
15.5
20
0.05
360
ICVN0509X200
9.0
11.0-14.0
20.0
20
0.05
230
ICVN0514X300
14.0
16.5-20.3
30.0
20
0.05
120
1005
ICVN0518X400
18.0
22.9-28.0
40.0
20
0.05
90
ICVN1003A100
3.3
4.1 -6.0
10
30
0.1
1230
ICVN1005A150
5.6
7.6 - 9.3
15.5
30
0.1
825
ICVN1 009A200
9.0
11.0-15.0
20
30
0.1
550
ICVN1014A300
14.0
16.5-20.3
30
30
0.1
424
ICVN1018A400
18.0
22.9-28.0
40
30
0.1
225
ICVN1026A580
26.0
31.0-38.0
58
30
0.1
160
1608
ICVN1030A650
30.0
37.0-46.0
65
30
0.1
150
ICVN2103A100
3.3
4.1 -6.0
10
40
0.1
930
ICVN2105A150
5.6
7.6-9.3
15.5
40
0.1
860
ICVN2109A200
9
11.0-14.0
20
40
0.1
585
ICVN2112A250
12
14.0-18.3
25
40
0.1
400
ICVN2114A300
14
16.5-20.3
30
40
0.1
280
ICVN2118A400
18
22.9-28.0
40
30
0.1
275
ICVN2126A580
26
31.0-38.0
58
30
0.1
110
2012
ICVN2130A650
30
37.0-46.0
65
30
0.1
80
ICVN3103A100
3.3
4.1-6.0
10
40
0.1
1500
ICVN3105A150
5.6
7.6 -9.3
15.5
40
0.1
870
ICVN3114A300
14
16.5-20.3
30
40
0.1
500
ICVN3118A400
18
22.9-28.0
40
30
0.1
270
ICVN3126D580
26
30.5-37.3
58
120
0.4
450
ICVN31300650
30
37.0-45.0
65
120
0.4
400
3216
ICVN3148D101
48
56.0-68.0
100
100
0.4
185
CHIP VARISTOR PACKAGING SPECIFICATION
• All SMD type chip varistors are Tape and Reel packaged in according with the latest revision of EIA 481B
0805 and 1206 Chip Sizes
Packaging Tape
Material
0402 Chip Size
0603 Chip Size
Thickness
≤0.85mm
Thickness
≥ 1.0mm
Paper
10,000 pcs/reel
4,000 pcs/reel
4,000 pcs/reel
N/A
Embossed Plastic
N/A
N/A
Optional on request
2,000 pcs/reel
All Tape and Reeled product is supplied on 178
± 2 mm diameter reels with 13 ± 0.5 mm arbor holes.
• Packaging in Bulk Case is optional as follows:
0805 and 1206 Chip Sizes
Size
0402 Chip Size
0603 Chip Size
Thickness
≤0.85mm
Thickness
≥ 1.0mm
Quantity/case
80,000 pcs
15,000 pcs
10,000 pcs
5,000 pcs
Bulk case material is ABS plastic



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com