Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL3522 Datasheet(PDF) 28 Page - GENESYS LOGIC

Part # GL3522
Description  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 Datasheet(HTML) 28 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 24Page - GENESYS LOGIC GL3522 Datasheet HTML 25Page - GENESYS LOGIC GL3522 Datasheet HTML 26Page - GENESYS LOGIC GL3522 Datasheet HTML 27Page - GENESYS LOGIC GL3522 Datasheet HTML 28Page - GENESYS LOGIC GL3522 Datasheet HTML 29Page - GENESYS LOGIC GL3522 Datasheet HTML 30Page - GENESYS LOGIC GL3522 Datasheet HTML 31Page - GENESYS LOGIC GL3522 Datasheet HTML 32Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 28
GLI Confidential
6.5 On-Chip Power Regulator
GL3522-22 requires 3.3V and 1.2V source power for normal operation of internal core logic and USB
physical layer (PHY). There are two kinds of regulators integrated in GL3522-22; one is low-drop power
regulator converts 5V power input from USB cable (Vbus) to 3.3V voltage for silicon power source; another
one is DC-DC switching regulator converts 5V to 1.2 V. The 3.3V and 1.2V power output are guaranteed by
internal voltage reference circuits to prevent unstable 5V power compromise USB data integrity. The
regulators’ maximum currents loading are 250mA (5-3.3V) and 1A (5-1.2V), which provide enough tolerance
for normal GL3522-22 operation (below 100mA).
On-chip Power Regulator Features:
5V to 3.3V low-drop power regulator
250mA maximum output driving capability
Provide stable 3.3V output when Vin = 3.4V~5.5V
125uA maximum quiescent current (typical 80uA).
Figure 6.1 - Vin(V5) vs Vout(V33)*
*Note: Measured environment: Ambient temperature = 25℃ / Current Loading = 250mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com