Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP200YAI Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # TOP200YAI
Description  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP200YAI Datasheet(HTML) 5 Page - Power Integrations, Inc.

  TOP200YAI Datasheet HTML 1Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 2Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 3Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 4Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 5Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 6Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 7Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 8Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
D
7/96
TOP200-4/14
5
PI-1119-110194
VIN
VOUT
0
IOUT
0
1
2
1
4
3
DRAIN
0
VIN
VC
0
•••
•••
12
12
81
0
IC
•••
•••
12
8
81
2
8
1
VC(reset)
45 mA
Shutdown/Auto-restart
To minimize TOPSwitch power
dissipation, the shutdown/auto-restart
circuit turns the power supply on and off
at a duty cycle of typically 5% if an out
of regulation condition persists. Loss of
regulation interrupts the external current
into the CONTROL pin. V
C regulation
changes from shunt mode to the
hysteretic auto-restart mode described
above.
When the fault condition is
removed, the power supply output
becomes regulated, V
C regulation returns
to shunt mode, and normal operation of
the power supply resumes.
Latching Shutdown
The output overvoltage protection latch
is activated by a high-current pulse into
the CONTROL pin. When set, the latch
turns off the TOPSwitch output.
Activating the power-up reset circuit by
removing and restoring input power, or
momentarily pulling the CONTROL pin
below the power-up reset threshold resets
the latch and allows TOPSwitch to
resume normal power supply operation.
V
C is regulated in hysteretic mode when
the power supply is latched off.
Overtemperature Protection
Temperature protection is provided by a
precision analog circuit that turns the
output MOSFET off when the junction
temperature exceeds the thermal
shutdown temperature (typically 145
°C).
Activating the power-up reset circuit by
removing and restoring input power or
momentarily pulling the CONTROL pin
below the power-up reset threshold resets
the latch and allows TOPSwitch to
resume normal power supply operation.
V
C is regulated in hysteretic mode when
the power supply is latched off.
High-voltage Bias Current Source
This current source biases TOPSwitch
from the DRAIN pin and charges the
CONTROL pin external capacitance
(C
T)
during start-up or hysteretic
operation. Hysteretic operation occurs
during auto-restart and latched
shutdown. The current source is switched
on and off with an effective duty cycle of
approximately 35%. This duty cycle is
determined by the ratio of CONTROL
pin charge (I
C) and discharge currents
(I
CD1 and ICD2).
This current source is
turned off during normal operation when
the output MOSFET is switching.
Figure 6. Typical Waveforms for (1) Normal Operation, (2) Auto-restart, (3) Latching Shutdown, and (4) Power Down Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com