Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP201YAI Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TOP201YAI
Description  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP201YAI Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TOP201YAI Datasheet HTML 3Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 4Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 5Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 6Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 7Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 8Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 9Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 10Page - Power Integrations, Inc. TOP201YAI Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
D
7/96
TOP200-4/14
7
Simple Optocoupler Feedback
The circuit shown in Figure 8 is a 7.5 V,
15 W secondary regulated flyback power
supply using the TOP202 that will
operate from 85 to 265 VAC input
voltage.
Improved output voltage
accuracy and regulation over the circuit
of Figure 7 is achieved by using an
optocoupler and secondary referenced
Zener diode. The general operation of
the power stage of this circuit is the same
as that described for Figure 7.
The input voltage is rectified and filtered
by BR1 and C1. L2, C6 and C7 reduce
conducted emission currents. The bias
winding is rectified and filtered by D3
and C4 to create a typical 11 V bias
voltage.
Zener diode (VR2) voltage
together with the forward voltage of the
LED in the optocoupler U2 determine
the output voltage. R1, the optocoupler
current transfer ratio, and the TOPSwitch
control current to duty cycle transfer
function set the DC control loop gain.
C5 together with the control pin dynamic
impedance and capacitor ESR establish
a control loop pole-zero pair. C5 also
determines the auto-restart frequency
and filters internal gate drive switching
currents. R2 and VR2 provide minimum
current loading when output current is
low. See DN-11 for more information
regarding the use of the TOP202 in a
low-cost, 15 W universal power supply.
Accurate Optocoupler Feedback
The circuit shown in Figure 9 is a highly
accurate, 15 V, 30 W secondary-
regulated flyback power supply that will
operate from 85 to 265 VAC input
voltage.
A TL431 shunt regulator
directly senses and accurately regulates
the output voltage. The effective output
voltage can be fine tuned by adjusting
the resistor divider formed by R4 and
R5. Other output voltages are possible
by adjusting the transformer turns ratios
as well as the divider ratio.
The general operation of the input and
power stages of this circuit are the same
as that described for Figures 7 and 8. R3
and C5 tailor frequency response. The
TL431 (U2) regulates the output voltage
by controlling optocoupler LED current
(and TOPSwitch duty cycle) to maintain
an average voltage of 2.5 V at the TL431
input pin. Divider R4 and R5 determine
the actual output voltage. C9 rolls off
the high frequency gain of the TL431 for
stable operation. R1 limits optocoupler
LED current and determines high
frequency loop gain.
For more
information, refer to application note
AN-14.
Figure 8. Schematic Diagram of a 15 W Universal Input Power Supply Utilizing the TOP202 and Simple Optocoupler Feedback.
PI-1695-112895
7.5 V
RTN
C5
47
µF
D2
UG8BT
D3
1N4148
R2
68
VR2
1N5234B
6.2 V
C3
120
µF
25 V
T1
D1
UF4005
C2
680
µF
25 V
VR1
P6KE150
CIRCUIT PERFORMANCE:
Line Regulation - ±0.5%
(85-265 VAC)
Load Regulation - ±1%
(10 -100%)
Ripple Voltage ± 50 mV
Meets CISPR-22 Class B
BR1
400 V
C1
33
µF
400 V
R1
39
U2
NEC2501
U1
TOP202YAI
DRAIN
SOURCE
CONTROL
C4
0.1
µF
C7
1 nF
Y1
L1
3.3
µH
F1
3.15 A
J1
C6
0.1
µF
L2
22 mH
L
N
ST202A REFERENCE DESIGN BOARD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com