Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP202YAI Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TOP202YAI
Description  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP202YAI Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TOP202YAI Datasheet HTML 8Page - Power Integrations, Inc. TOP202YAI Datasheet HTML 9Page - Power Integrations, Inc. TOP202YAI Datasheet HTML 10Page - Power Integrations, Inc. TOP202YAI Datasheet HTML 11Page - Power Integrations, Inc. TOP202YAI Datasheet HTML 12Page - Power Integrations, Inc. TOP202YAI Datasheet HTML 13Page - Power Integrations, Inc. TOP202YAI Datasheet HTML 14Page - Power Integrations, Inc. TOP202YAI Datasheet HTML 15Page - Power Integrations, Inc. TOP202YAI Datasheet HTML 16Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TOP200-4/14
D
7/96
12
TOP200
T
j = 25°C
I
D = 50 mA
T
j = 100°C
TOP201
T
j = 25°C
I
D = 100 mA
T
j = 100°C
TOP202
T
j = 25°C
I
D = 150 mA
T
j = 100°C
TOP203
T
j = 25°C
I
D = 200 mA
T
j = 100°C
TOP214
T
j = 25°C
I
D = 250 mA
T
j = 100°C
TOP204
T
j = 25°C
I
D = 300 mA
T
j = 100°C
Device in Latched Shutdown
I
C = 4 mA, VDS = 560 V, TA = 125°C
Device in Latched Shutdown
I
C = 4 mA, ID = 500 µA, TA = 25°C
Measured With
Figure 8 Schematic
Measured With
Figure 8 Schematic
See Note 2
I
C = 4 mA
Output
TOP200/1/2
MOSFET enabled
TOP203/4/14
Output MOSFET Disabled
R
DS(ON)
I
DSS
BV
DSS
t
r
t
f
V
C(SHUNT)
I
CD1
I
CD2
15.6
18.0
25.7
29.7
7.8
9.0
12.9
14.9
5.2
6.0
8.6
9.9
3.9
4.5
6.4
7.5
3.1
3.6
5.2
6.0
2.6
3.0
4.3
5.0
500
700
100
50
36
5.5
5.8
6.1
±50
0.6
1.2
1.6
0.7
1.4
1.8
0.5
0.8
1.1
ON-State
Resistance
OFF-State
Current
Breakdown
Voltage
Rise
Time
Fall
Time
DRAIN Supply
Voltage
Shunt Regulator
Voltage
Shunt Regulator
Temperature Drift
CONTROL Supply/
Discharge Current
Ω
µA
V
ns
ns
V
V
ppm/˚C
mA
OUTPUT
SUPPLY
Conditions
(Unless Otherwise Specified)
Parameter
Symbol
See Figure 14
Units
SOURCE = 0 V
T
j = -40 to 125°C
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com