Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8050 Datasheet(PDF) 1 Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

Part # SS8050
Description  Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY-MICRO [CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.]
Direct Link  https://www.gmesemi.com/en/
Logo GALAXY-MICRO - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

SS8050 Datasheet(HTML) 1 Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

  SS8050 Datasheet HTML 1Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. SS8050 Datasheet HTML 2Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. SS8050 Datasheet HTML 3Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. SS8050 Datasheet HTML 4Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
Silicon Epitaxial Planar Transistor
SS8050
C086
www.gmicroelec.com
Rev.A
1
FEATURES
Collector Current.(IC= 1.5A)
Complementary To SS8550.
Collector dissipation:PC=300mW(TC=25℃)
APPLICATIONS
High Collector Current.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
SS8050
Y1
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
1.5
A
PC
Collector Dissipation
300
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
℃
Pb
Lead-free


Similar Part No. - SS8050

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
SS8050 WINGS-SS8050 Datasheet
58Kb / 1P
TRANSISTOR (NPN)
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Weitron Technology
SS8050 WEITRON-SS8050 Datasheet
223Kb / 4P
NPN General Purpose Transistors
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
43Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Galaxy Semi-Conductor H...
SS8050 BILIN-SS8050 Datasheet
194Kb / 4P
Silicon Epitaxial Planar Transistor
More results

Similar Description - SS8050

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT4403 CDIL-CMBT4403 Datasheet
132Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
Silicon Epitaxial Planar Transistor
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com