Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC-01C Datasheet(PDF) 1 Page - Multicomp Pro

Part # PC-01C
Description  Modular PCB Rack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PC-01C Datasheet(HTML) 1 Page - Multicomp Pro

  PC-01C Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
09/06/22
Modular PCB Rack
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Description
The product is designed to hold PC boards during all stages of assembly, cleaning and testing.
The width of the rack module is easily adjusted from 0 to 290mm by sliding one side panel along
the aluminium extrusion and tightening 2 screws. One meter lengths of extrusion are available to
allow construction of racks up to 970mm wide. The module is stackable in all directions so that
racks of unlimited height and depth may be constructed.
The plastic sides are anti-static so that sensitive devices may be safely stacked in PCBs without
special precautions other than earthing the rack.
The side panels are made from conductive plastic for use when highly sensitive integrated circuits
need protection against anti-static charges throughout all handling, up to soak test or burn-in.
Maximum operating temperature is +85°C (Softening point +140°C). Volume resistivity 50Ω cm.
Surface resistivity 103Ω.
Dimensions : Inches
Diagram
Note:
‘C’ Version is Conductive
X-X R=<2.5kΩ
Surface Resistivity 103Ω/sq
Part Number Table
Description
Part Number
Modular PCB Rack
PC-01C
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - PC-01C

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PC-01C MULTICOMP-PC-01C Datasheet
178Kb / 1P
Modular PCB Rack
09/06/22 V1.0
More results

Similar Description - PC-01C

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
EDS04RJ45-2X1-8X8-T9S YAMAICHI-EDS04RJ45-2X1-8X8-T9S Datasheet
142Kb / 1P
Modular Jacks (PCB Edge-Mounted, Shielded)
logo
Assmann Electronics Inc...
A-2004-2-4-LP ASSMANN-A-2004-2-4-LP Datasheet
51Kb / 1P
Modular Jack PCB
A-2004-2-4-LP-N-R ASSMANN-A-2004-2-4-LP-N-R Datasheet
51Kb / 1P
Modular Jack PCB
logo
Pulse A Technitrol Comp...
E5288-3FOB41-L PULSE-E5288-3FOB41-L Datasheet
67Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
E5288-310041-L PULSE-E5288-310041-L Datasheet
75Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
E5288-320044-L PULSE-E5288-320044-L Datasheet
92Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
logo
ORing Industrial Networ...
RGS-P9160M2 ORING-RGS-P9160M2 Datasheet
520Kb / 8P
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RDS-P3000 ORING-RDS-P3000 Datasheet
297Kb / 5P
Industrial IEC 61850-3 modular rack mount Device Server
RGS-PR9000-A ORING-RGS-PR9000-A Datasheet
612Kb / 8P
Industrial advanced Layer 3 IEC 61850-3 modular rack mount
logo
PHOENIX CONTACT
1237697 PHOENIX-1237697 Datasheet
215Kb / 6P
SPT MODULAR - PCB terminal block
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com