Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETA6096 Datasheet(PDF) 2 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA6096
Description  32V Input Standoff Voltage, 2.5A Switching Mode Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA6096 Datasheet(HTML) 2 Page - ETA SOLUTIONS CO. LIMITED

  ETA6096 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ETA6096
www.etasolution.com
2
Empowering Thinkers
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Top View
ETA6096
1
2
3
4
5
6
7
8
9
10
VIN
PMID
PGND
NC
SW
AGND
STAT
ISET
AGND
BATS
AGND
DFN3x3-10
(Note: Exceeding these limits may damage the device. Exposure to absolute
maximum rating conditions for long periods may affect device reliability.)
VIN Voltage ..................................................–0.3V to 32V
All Other Pin Voltage ......................................–0.3V to 6V
SW, PMID to ground current…………......Internally limited
Operating Temperature Range …………...–40°C to 85°C
Storage Temperature Range …………..–55°C to 150°C
Thermal Resistance
θJC
θJA
DFN3x3-10…………...…12……….50 .................... °C/W
Lead Temperature (Soldering, 10sec) ……….…….260°C
ESD HBM (Human Body Mode) ……..………….…….2KV
ELECTRICAL CHARACTERISTICS
(VIN = 5V, unless otherwise specified. Typical values are at TA = 25oC.)
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
INPUT
Input Standoff Voltage
32
V
Input Range
4.5
5.5
V
Input UVLO Voltage
Rising, Hys=500mV
4.5
V
Input OVP Voltage
Rising, Hys=320mV
5.89
6.08
6.27
V
VPMID(VHOLD)
VHOLD=4.53V
4.53
V
Input Operation Current
Switching
5
mA
No Switching
900
uA
OVP
Switch RDSON
VIN=5V, IOUT=1A, 25 oC
45
50
mΩ
Discharge Resistance
197
Ω
Tpower-on
Power ON delay
20
ms
BATTERY CHARGER
Battery CV Voltage
IBAT =0mA, default
4.17
4.21
4.25
V
Charger Restart Threshold
From DONE to Fast Charge
160
mV
Battery Pre-Condition Voltage
VBATFalling, Hys=250mV
2.9
V
Pre-Condition Charge Current
200
mA
Quiescent Current at BAT
VBAT=3.6V
20
uA
Fast Charge Current
RISET =82KΩ
2
A
RISET =150KΩ
1.2
A
Charge Termination Current
130
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com