Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS637 Datasheet(PDF) 2 Page - Sumida Corporation

Part # AS637
Description  Transponder TX Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

AS637 Datasheet(HTML) 2 Page - Sumida Corporation

  AS637 Datasheet HTML 1Page - Sumida Corporation AS637 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Transponder TX Antenna< Pin Type: AS Series>
Type: AS637
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
DC
5Vp-p
134kHz
L
C
Antenna
Square Waveform
DC 5V
◆
Specification
(
2-3)
MEASURING
CONDITIONS
Resonant frequency range
132.0kHz±1.0kHz WITHIN
at 25℃
Resonant Current
1.4Ap-p(Ref.)
132kHz (at 25℃)
◆
Test Circuit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com