Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD1084D2T25R Datasheet(PDF) 13 Page - STMicroelectronics

Part # KD1084D2T25R
Description  5 A low drop positive voltage regulator adjustable and fixed
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1084D2T25R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button KD1084D2T25R Datasheet HTML 9Page - STMicroelectronics KD1084D2T25R Datasheet HTML 10Page - STMicroelectronics KD1084D2T25R Datasheet HTML 11Page - STMicroelectronics KD1084D2T25R Datasheet HTML 12Page - STMicroelectronics KD1084D2T25R Datasheet HTML 13Page - STMicroelectronics KD1084D2T25R Datasheet HTML 14Page - STMicroelectronics KD1084D2T25R Datasheet HTML 15Page - STMicroelectronics KD1084D2T25R Datasheet HTML 16Page - STMicroelectronics KD1084D2T25R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
KD1084Axx
Typical application
13/22
6
Typical application
Unless otherwise specified TJ = 25 °C, CI = CO = 10 µF (tant.)
Figure 4.
Dropout voltage vs output current
Figure 5.
Dropout voltage vs temperature
Figure 6.
Short circuit current vs dropout
voltage
Figure 7.
Line regulation vs temperature
Figure 8.
Output voltage vs temperature
Figure 9.
Load regulation vs temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com