Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08B200QCIVS/NO.A Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC08B200QCIVS/NO.A
Description  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200QCIVS/NO.A Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC08B200QCIVS/NO.A Datasheet HTML 2Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 3Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 4Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 5Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 6Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 7Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 8Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 9Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
VA
GND
VIN
TO INTERNAL
CIRCUITRY
ADC08B200
SNAS388F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
PACKAGE THERMAL RESISTANCE
Package
θJA
48-Lead TQFP
76 °C/W
CONVERTER ELECTRICAL CHARACTERISTICS
The following specifications apply for VA = VD = VP = VDR = +3.3VDC, VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 200 MHz at
50% duty cycle, OEDGE/TEN = 1, Buffer and PLL bypassed. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ =
25°C
(1) (2)
Units
Parameter
Test Conditions
Typ(3)
Limits (3)
(Limits)
DC ACCURACY
INL
Integral Non-Linearity
±0.55
±1.3
LSB (max)
DNL
Differential Non-Linearity
±0.40
±0.9
LSB (max)
Missing Codes
0
(max)
−80
mV (min)
FSE
Full Scale Error
−39
0
mV (max)
VOFF
Zero Scale Offset Error
55
70
mV (max)
ANALOG INPUT AND REFERENCE CHARACTERISTICS
VRB
V (min)
VIN
Input Voltage
1.6
VRT
V (max)
(CLK LOW)
3
pF
CIN
VIN Input Capacitance
VIN = 0.75V +0.5 Vrms
(CLK HIGH)
4
pF
RIN
Analog Input Resistance
>1
M
Ω
FPBW
Full Power Bandwidth
500
MHz
VA
V (max)
VRT
Top Reference Voltage
1.9
0.5
V (min)
VRT − 0.5
V (max)
VRB
Bottom Reference Voltage
0.3
0
V (min)
0.5
V (min)
VRT -
Reference Voltage Delta
1.6
VRB
2.3
V (max)
145
Ω (min)
RREF
Reference Ladder Resistance
VRT to VRB
160
200
Ω (max)
DIGITAL INPUT CHARACTERISTICS
OEDGE/TEN
2.2
2.7
V (min)
VIH
Logic High Input Voltage
Others
1.6
2.1
V (min)
OEDGE/TEN
0.9
0.5
V (max)
VIL
Logic Low Input Voltage
Others
1.3
0.7
V (max)
(1)
The analog inputs are protected as shown below. Input voltage magnitudes up to VA + 300 mV or to 300 mV below GND will not
damage this device. However, errors in the A/D conversion can occur if the input goes above VA or below GND by more than 100 mV.
For example, if VA is 3.3VDC the input voltage must be ≤3.4VDC to ensure accurate conversions.
(2)
To ensure accuracy, it is required that VA, VD, VP and VDR be well bypassed. Each supply pin should be decoupled with separate
bypass capacitors.
(3)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are specified to Texas Instrument's AOQL
(Average Outgoing Quality Level).
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com