Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC173F Datasheet(PDF) 4 Page - Texas Instruments

Part # CD54HC173F
Description  CDx4HC173, CDx4HCT173 High-Speed CMOS Logic Quad D-Type Flip-Flop, Three- State
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC173F Datasheet(HTML) 4 Page - Texas Instruments

  CD54HC173F Datasheet HTML 1Page - Texas Instruments CD54HC173F Datasheet HTML 2Page - Texas Instruments CD54HC173F Datasheet HTML 3Page - Texas Instruments CD54HC173F Datasheet HTML 4Page - Texas Instruments CD54HC173F Datasheet HTML 5Page - Texas Instruments CD54HC173F Datasheet HTML 6Page - Texas Instruments CD54HC173F Datasheet HTML 7Page - Texas Instruments CD54HC173F Datasheet HTML 8Page - Texas Instruments CD54HC173F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
7
V
IIK
Input diode current(2)
VI < –0.5 V or VI > VCC + 0.5 V
±20
mA
IOK
Output diode current(2)
VO < –0.5 V or VO > VCC + 0.5 V
±20
mA
IO
Output source or sink current per output pin
VO > –0.5 V or VO < VCC + 0.5 V
±25
mA
Continuous current through VCC or GND
±70
mA
TJ
Junction temperature
150
°C
Lead temperature (soldering 10s) (SOIC - lead tips only)
300
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
5.2 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage range
HC types
2
6
V
HCT types
4.5
5.5
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
tt
Input rise and fall time
VCC = 2V
1000
ns
VCC = 4.5V
500
VCC = 6V
400
TA
Temperature range
-55
125
°C
5.3 Thermal Information
THERMAL METRIC
N (PDIP)
D (SOIC)
NS (SOP)
PW (TSSOP)
UNIT
16 PINS
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal
resistance
(1)
67
73
64
108
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report
CD54HC173, CD74HC173, CD54HCT173, CD74HCT173
SCHS158F – NOVEMBER 1998 – REVISED MARCH 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC173 CD74HC173 CD54HCT173 CD74HCT173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com