Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC147 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD54HC147
Description  CDx4HC147, CD74HCT147 High-Speed CMOS Logic 10- to 4-Line Priority Encoder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC147 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC147 Datasheet HTML 2Page - Texas Instruments CD54HC147 Datasheet HTML 3Page - Texas Instruments CD54HC147 Datasheet HTML 4Page - Texas Instruments CD54HC147 Datasheet HTML 5Page - Texas Instruments CD54HC147 Datasheet HTML 6Page - Texas Instruments CD54HC147 Datasheet HTML 7Page - Texas Instruments CD54HC147 Datasheet HTML 8Page - Texas Instruments CD54HC147 Datasheet HTML 9Page - Texas Instruments CD54HC147 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
HCT Input Loading Table
4.4 Electrical Characteristics
INPUT
UNIT LOADS(1)
I 1 , I 2 , I 3 , I 6 , I 7
1.1
I 4 , I 5 , I 8 , I 9
1.5
(1)
Unit Load is ∆ICC limit specified in DC Electrical Table, e.g.,
360µA max at 25oC.
4.5 Switching Characteristics
Input tt = 6ns. Unless otherwise specified, CL = 50pF
PARAMETER
TEST
CONDITIONS
VCC (V)
25°C
-40°C to 85°C
-55°C to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
tPLH,
tPHL
Propagation delay,
input to output
CL = 50pF
2
160
200
240
ns
4.5
32
40
48
5
13
6
27
34
41
tTLH, tTHL Transition times
CL = 50pF
2
75
95
110
ns
4.5
15
19
22
6
13
16
19
CIN
Input capacitance
10
10
10
pF
CPD
Power dissipation
capacitance(1) (2)
5
32
pF
HCT TYPES
tPLH,
tPHL
Propagation delay,
input to output
CL = 50pF
4.5
35
44
53
ns
5
14
ns
tTLH, tTHL Transition times
CL = 50pF
4.5
15
19
22
ns
CIN
Input capacitance
10
10
10
pF
CPD
Power dissipation
capacitance(1) (2)
5
42
pF
(1)
CPD is used to determine the dynamic power consumption, per gate.
(2)
PD = VCC 2 fi (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
CD54HC147, CD74HC147, CD74HCT147
SCHS149G – NOVEMBER 1998 – REVISED JANUARY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CD54HC147 CD74HC147 CD74HCT147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com