Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

560205-0101. Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 560205-0101.
Description  Crimp Terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

560205-0101. Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  560205-0101. Datasheet HTML 1Page - Molex Electronics Ltd. 560205-0101. Datasheet HTML 2Page - Molex Electronics Ltd. 560205-0101. Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General
Electrical
Physical
Application Tooling
Global
Status
Active
Category
Crimp Terminals
Series
560205
Description
CTX-J 100 Female Crimp Terminal,
Tin Plated, Large Grip, Sealed
Application
Automotive, Signal, Wire-to-Board
Product Family
Compactus
Product Name
Compactus,CTX-J 100
UPC
889056393065
Current - Maximum per Contact
6.0A
Voltage - Maximum
250V
Gender
Female
Material - Metal
Copper Alloy
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
0.268/g
Packaging Type
Reel
Termination Interface Style
Crimp or Compression
Wire Insulation Diameter
N/A
Wire Size (AWG)
N/A
Wire Size mm²
N/A
Description
Part Number
Hand Crimp Tool for CTX-J 100
Receptacle Terminal, 0.50mm²,
0.75mm² and 1.25mm² Wires
2002182600
Extractor Tool for CTX-J 100
Receptacle Crimp Terminal for
Compactus Connector
0638247700



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com