Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8002 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8002
Description  2.0 Watt Audio Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

8002 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8002 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 4Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 5Page - List of Unclassifed Manufacturers 8002 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
- 2 -
V1.0
Pin Description
No.
Pin Name
I/O
Description
1
SHD
I
Shut-down Logical Control, ‘1’ is active.
2
BP
I/O
Analog ground for inner OPAs. It’s about a half of VDD.
3
INP
I
Positive Input
4
INN
I
Negative Input
5
Vout1
O
Negative BTL Output
6
VDD
I/O
Power Supply (2.2 – 5.5 V)
7
GND
I/O
Ground
8
Vout2
O
Positive BTL Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com