Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC8902 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TCC8902
Description  PV8900-FULL-B Full Function TCC8900/TCC8901/TCC8902 Development Board Specification
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TCC8902 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TCC8902 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCC8902 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCC8902 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCC8902 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCC8902 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCC8902 Datasheet HTML 6Page - List of Unclassifed Manufacturers TCC8902 Datasheet HTML 7Page - List of Unclassifed Manufacturers TCC8902 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCC8902 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
2.
Hardware Specifications
CPU
Telechips TCC8900, up to 720MHz@1.42V.
65nm CMOS Process ARM1176JZF-S architecture processor.
Full HD (1920x1080) video decoding(H.264, MPEG 1/2, MPEG 4 ,
VC-1, Real Video 8/9/10, H.263).
1280x720 video encoding(H.263, MPEG 4, H.264).
Support 2D/3D graphic acceleration (ARM’s Mali200) with Open VG
1.1 and Open GL ES 1.1/2.0, also support Overlay Mixer function.
Open OS Support: Linux 2.6.28, Windows CE 6.0, Android 2.1.
PV8900-FULL-B development
board also can support TCC8902
and TCC8901 chips
256MB DDR2 SDRAM (32bit data bus)
Option for 128MB
Memory
256MB NandFlash (8bit data bus can support SLC & MLC)
Option for 128MB or 2GB
One SD/SDHC card socket with a maximum capacity of 32GB
One CF card socket (operation in PATA true IDE mode)
Hardware jump select 3.3V or
5V power supply
One SATA port (support SATA HDD)
SATA disk is powered by
PV8900-FULL-B board
Storage
One USB 2.0 High Speed Host port (support USB Disk)
One USB 2.0 High Speed Host port (USB A type), can be hardware
jump set as USB Host port or USB Device port or USB OTG port
Can download software from PC
in USB Device mode
USB
One USB 1.1 Full Speed Host port (USB A type)
Can support to connect USB
mouse or the high-speed EDGE,
HSDPA, etc. network adapter
(3G modules)
One FULLHD 1080P HDMI 1.3 output port
This port also can support to
connect to DVI monitor
One Generic 24bit color TTL LCD interface port with touch panel
interface (50-pin FPC connector)
Can connect to external TCON
sub-board to support 7”(800 x
480), 8”(800x600), etc. LCD
Panel with 4-wire resistance
touch panel or connect to VGA
sub-board for VGA display
One Dual channels 24bit color LVDS output port (implemented by
external chip outside CPU)
The Power supply of LVDS LCD Panel can be hardware set by jumper
form 12V, 5V and 3.3V power supply
CCFL Inverter or LED backlight interface circuit
Can support up to 1080P LCD
Panel, this port can support
single channel or dual channels
LVDS interface LCD Panel
One Single channel 18bit/24bit LVDS (which is directly output from
CPU)
The Power supply of LVDS LCD Panel can be hardware set by jumper
form 12V, 5V and 3.3V power supply
CCFL Inverter or LED backlight interface circuit
Can support up to 720P and
single channel LVDS interface
LCD Panel
Video Output
One TV Out port (AV Out, CVBS output, Composite TV-Out (NTSC /
PAL)
2ch AV In (CVBS In), can be switched by I2C
Video Input
Generic digital Camera/TS input interface
CCIR601/656 input, Input Image Scaler (up to 4080x4080)
Up to 12Mpixel Camera (YUV)
can support TS function by
connected external DVB-C,
CMMB or other modules
One 3.5mm earphone Jack (audio output)
Audio
One On board microphone (audio input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com