Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804070 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804070
Description  EO-G/PT/SH/LED/S - Socket
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804070 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804070 Datasheet HTML 1Page - PHOENIX CONTACT 0804070 Datasheet HTML 2Page - PHOENIX CONTACT 0804070 Datasheet HTML 3Page - PHOENIX CONTACT 0804070 Datasheet HTML 4Page - PHOENIX CONTACT 0804070 Datasheet HTML 5Page - PHOENIX CONTACT 0804070 Datasheet HTML 6Page - PHOENIX CONTACT 0804070 Datasheet HTML 7Page - PHOENIX CONTACT 0804070 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Socket, with extended touch protection/shutter, LED display, Pin connector pattern type G,
connection method: Push-in spring connection, color: gray, nom. voltage: 250 V AC (50 Hz),
nominal current: 13 A, DIN rail or direct mounting, standards/specifications: BS 1363-2, Country
marking: Great Britain
Commercial data
Item number
0804070
Packing unit
5 pc
Minimum order quantity
5 pc
Product key
BE7627
GTIN
4055626226071
Weight per piece (including packing)
97.78 g
Weight per piece (excluding packing)
97 g
Country of origin
PL
EO-G/PT/SH/LED/S - Socket
0804070
https://www.phoenixcontact.com/us/products/0804070
Sep 9, 2025, 12:34AM
Page 1 (8)


Similar Part No. - 0804070

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804073 PHOENIX-0804073 Datasheet
140Kb / 5P
SMKDS 1/ 2-3,5
0804073 PHOENIX-0804073 Datasheet
140Kb / 5P
SMKDS 1/ 3-3,5
0804073 PHOENIX-0804073 Datasheet
141Kb / 5P
MKDS 1/ 2-3,5
0804073 PHOENIX-0804073 Datasheet
140Kb / 5P
MKDS 1/ 3-3,5
0804073 PHOENIX-0804073 Datasheet
141Kb / 5P
MKDS 1/ 4-3,5
More results

Similar Description - 0804070

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212495 PHOENIX-1212495 Datasheet
77Kb / 3P
MICROFOX-EO
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
3208142 PHOENIX-3208142 Datasheet
56Kb / 3P
End cover - D-PT 1,5/S
09/12/2020
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com