Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3300 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB3300_07 Datasheet HTML 14Page - SMSC Corporation USB3300_07 Datasheet HTML 15Page - SMSC Corporation USB3300_07 Datasheet HTML 16Page - SMSC Corporation USB3300_07 Datasheet HTML 17Page - SMSC Corporation USB3300_07 Datasheet HTML 18Page - SMSC Corporation USB3300_07 Datasheet HTML 19Page - SMSC Corporation USB3300_07 Datasheet HTML 20Page - SMSC Corporation USB3300_07 Datasheet HTML 21Page - SMSC Corporation USB3300_07 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.08 (11-07-07)
18
SMSC USB3300
DATASHEET
Note:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40C to +85C; unless otherwise specified.
Note:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40C to +85C; unless otherwise specified
Note:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -040C to +85C; unless otherwise specified
Differential Rise/Fall Time
Matching
FRFM
Excluding the first
transition from IDLE state
90
111.1
%
HS Output Driver Timing
Differential Rise Time
THSR
500
ps
Differential Fall Time
THSF
500
ps
Driver Waveform
Requirements
Eye pattern of Template 1
in USB 2.0 specification
Hi-Speed Mode Timing
Receiver Waveform
Requirements
Eye pattern of Template 4
in USB 2.0 specification
Data Source Jitter and
Receiver Jitter Tolerance
Eye pattern of Template 4
in USB 2.0 specification
Table 5.6 OTG Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SessEnd trip point
VSessEnd
0.2
0.5
0.8
V
SessVld trip point
VSessVld
0.8
1.4
2.0
V
VBUSVld trip point
VVbusVld
4.4
4.58
4.75
V
Vbus Pull-Up
RVbusPu
Vbus to VDD3.3
(ChargeVbus = 1)
281
340
Ù
Vbus Pull-down
RVbusPd
Vbus to GND
(DisChargeVbus = 1)
656
850
Ù
Vbus Impedance
RVbus
Vbus to GND
40
75
100
kΩ
ID pull-up resistance
RIdPullUp
IdPullup
= 1
80
100
120
kΩ
ID pull-up resistance
RId
IdPullup
= 0
1
MΩ
STP pull-up resistance
RSTP
InterfaceProtectDisable
= 0
240
330
600
kΩ
Table 5.7 Regulator Output Voltages
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDDA1.8
VDDA1.8
Normal Operation
(SuspendM = 1)
1.6
1.8
2.0
V
VDDA1.8
VDDA1.8
Low Power Mode
(SuspendM = 0)
0V
VDD1.8
VDD1.8
1.6
1.8
2.0
V
Table 5.5 Dynamic Characteristics: Analog I/O Pins (DP/DM) (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com