Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5672MPFBREP Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC5672MPFBREP
Description  DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5672MPFBREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC5672MPFBREP Datasheet HTML 3Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 4Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 5Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 6Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 7Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 8Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 9Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 10Page - Texas Instruments DAC5672MPFBREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC5672-EP
SGLS339A – JUNE 2006 – REVISED OCTOBER 2006
AC specifications over operating free-air temperature range, AVDD = DVDD = 3.3 V, I
OUTFS = 20 mA, independent gain set
mode, differential 1:1 impedance ratio transformer coupled output, 50-
Ω doubly terminated load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Output
fclk
Maximum output update rate
200
275(1)
MSPS
ts
Output settling time to 0.1% (DAC)
Mid-scale transition
20
ns
tr
Output rise time 10% to 90% (OUT)
1.4
ns
tf
Output fall time 90% to 10% (OUT)
1.5
ns
IOUTFS = 20 mA
55
Output noise
pA/
√Hz
IOUTFS = 2 mA
30
AC Linearity (estimates based on measurements of preliminary parts)
1st Nyquist zone, TA = 25  C, fDATA = 50 MSPS,
83
fOUT = 1 MHz, IOUTFS = 0 dB
1st Nyquist zone, TA = 25  C, fDATA = 50 MSPS,
80
fOUT = 1 MHz, IOUTFS = –6 dB
1st Nyquist zone, TA = 25  C, fDATA = 50 MSPS,
79
fOUT = 1 MHz, IOUTFS = –12 dB
1st Nyquist zone, TA = 25  C, fDATA = 100 MSPS,
84
fOUT = 5 MHz
SFDR
Spurious-free dynamic range
dBc
1st Nyquist zone, TA = 25  C, fDATA = 100 MSPS,
79
fOUT = 20 MHz
1st Nyquist zone, TA = 25  C, fDATA = 200 MSPS,
68
75
fOUT = 20 MHz
1st Nyquist zone, TA = –55  C to 125  C,
fDATA = 200 MSPS,
65
75
fOUT = 20 MHz
1st Nyquist zone, TA = 25  C, fDATA = 200 MSPS,
72
fOUT = 41 MHz
1st Nyquist zone, TA = 25  C, fDATA = 100 MSPS,
77
fOUT = 5 MHz
SNR
Signal-to-noise ratio
dB
1st Nyquist zone, TA = 25  C, fDATA = 160 MSPS,
70
fOUT = 20 MHz
W-CDMA signal with 3.84-MHz bandwidth,
75
fDATA = 61.44 MSPS, IF = 15.360 MHz
W-CDMA signal with 3.84-MHz bandwidth,
73
fDATA = 122.88 MSPS, IF = 30.72 MHz
ACLR
Adjacent channel leakage ratio
dB
W-CDMA signal with 3.84-MHz bandwidth,
78
fDATA = 61.44 MSPS, baseband
W-CDMA signal with 3.84-MHz bandwidth,
78
fDATA = 122.88 MSPS, baseband
Each tone at –6 dBFS, TA = 25  C,
65
fDATA = 200 MSPS, fOUT = 45.4 MHz and 46.4 MHz
Third-order two-tone
IMD3
dBc
intermodulation
Each tone at –6 dBFS, TA = 25  C,
79
fDATA = 100 MSPS, fOUT = 15.1 MHz and 16.1 MHz
Each tone at –12 dBFS, TA = 25  C,
fDATA = 100 MSPS,
79
fOUT = 15.6, 15.8, 16.2, and 16.4 MHz
Each tone at –12 dBFS, TA = 25  C,
IMD
Four-tone intermodulation
fDATA = 165 MSPS,
61
dBc
fOUT = 68.8, 69.6, 71.2, and 72 MHz
Each tone at –12 dBFS, TA = 25  C,
fDATA = 165 MSPS,
73
fOUT = 19, 19.1, 19.3, and 19.4 MHz
TA = 25  C, fDATA = 165 MSPS, fOUT (CH1) = 20 MHz,
Channel isolation
95
dBc
fOUT (CH2) = 21 MHz
(1)
Specified by design. Not production tested.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com