Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7553 Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC7553
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7553 Datasheet(HTML) 5 Page - Texas Instruments

  DAC7553 Datasheet HTML 1Page - Texas Instruments DAC7553 Datasheet HTML 2Page - Texas Instruments DAC7553 Datasheet HTML 3Page - Texas Instruments DAC7553 Datasheet HTML 4Page - Texas Instruments DAC7553 Datasheet HTML 5Page - Texas Instruments DAC7553 Datasheet HTML 6Page - Texas Instruments DAC7553 Datasheet HTML 7Page - Texas Instruments DAC7553 Datasheet HTML 8Page - Texas Instruments DAC7553 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
TIMING CHARACTERISTICS
(1) (2)
SCLK
SYNC
SDIN
D15
D14
D13
D12
D11
D1
D0
D15
t8
t4
t3
t2
t1
t7
t6
t5
D0
t9
Input Word n
Input Word n+1
Undefined
D15
D14
D0
Input Word n
t10
SDO
CLR
DAC7553
SLAS477 – SEPTEMBER 2005
V
DD = 2.7 V to 5.5 V, RL = 2 kΩ to GND; all specifications –40°C to 105°C, unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 2.7 V to 3.6 V
20
t1(3)
SCLK cycle time
ns
VDD = 3.6 V to 5.5 V
20
VDD = 2.7 V to 3.6 V
10
t2
SCLK HIGH time
ns
VDD = 3.6 V to 5.5 V
10
VDD = 2.7 V to 3.6 V
10
t3
SCLK LOW time
ns
VDD = 3.6 V to 5.5 V
10
VDD = 2.7 V to 3.6 V
4
SYNC falling edge to SCLK falling edge setup
t4
ns
time
VDD = 3.6 V to 5.5 V
4
VDD = 2.7 V to 3.6 V
5
t5
Data setup time
ns
VDD = 3.6 V to 5.5 V
5
VDD = 2.7 V to 3.6 V
4.5
t6
Data hold time
ns
VDD = 3.6 V to 5.5 V
4.5
VDD = 2.7 V to 3.6 V
0
t7
SCLK falling edge to SYNC rising edge
ns
VDD = 3.6 V to 5.5 V
0
VDD = 2.7 V to 3.6 V
20
t8
Minimum SYNC HIGH time
ns
VDD = 3.6 V to 5.5 V
20
VDD = 2.7 V to 3.6 V
10
t9
SCLK falling edge to SDO valid
ns
VDD = 3.6 V to 5.5 V
10
VDD = 2.7 V to 3.6 V
10
t10
CLR pulse width low
ns
VDD = 3.6 V to 5.5 V
10
(1)
All input signals are specified with tR = tF = 1 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See Serial Write Operation timing diagram Figure 1.
(3)
Maximum SCLK frequency is 50 MHz at VDD = 2.7 V to 5.5 V.
Figure 1. Serial Write Operation
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com