Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7301 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM7301
Description  DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7301 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM7301 Datasheet HTML 17Page - Texas Instruments LM7301 Datasheet HTML 18Page - Texas Instruments LM7301 Datasheet HTML 19Page - Texas Instruments LM7301 Datasheet HTML 20Page - Texas Instruments LM7301 Datasheet HTML 21Page - Texas Instruments LM7301 Datasheet HTML 22Page - Texas Instruments LM7301 Datasheet HTML 23Page - Texas Instruments LM7301 Datasheet HTML 24Page - Texas Instruments LM7301 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
LM4132-4.1
DAC084S085
DIN
SCLK
SYNC
VOUT = 0V to 4.092V
C1
0.1 PF
C2
2.2 PF
Input
Voltage
VA VREFIN
C3
0.1 PF
OUTPUT
VOLTAGE
DIGITAL INPUT CODE
0
0
255
ZE
FSE
GE = FSE - ZE
FSE = GE + ZE
255 x VREFIN
256
21
DAC084S085
www.ti.com
SNAS363F – MAY 2006 – REVISED MARCH 2016
Product Folder Links: DAC084S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curve
Figure 37. Input / Output Transfer Characteristic
10 Power Supply Recommendations
10.1 Using References as Power Supplies
While the simplicity of the DAC084S085 implies ease of use, it is important to recognize that the path from the
reference input (VREFIN) to the VOUTs has essentially zero power supply rejection ratio (PSRR). Therefore, it is
necessary to provide a noise-free supply voltage to VREFIN. To use the full dynamic range of the DAC084S085,
the supply pin (VA) and VREFIN can be connected together and share the same supply voltage. Because the
DAC084S085 consumes very little power, a reference source may be used as the reference input and/or the
supply voltage. The advantages of using a reference source over a voltage regulator are accuracy and stability.
Some low noise regulators can also be used. Listed below are a few reference and power supply options for the
DAC084S085.
10.1.1 LM4130
The LM4130, with its 0.05% accuracy over temperature, is a good choice as a reference source for the
DAC084S085. The 4.096-V version is useful if a 0-V to 4.095-V output range is desirable or acceptable.
Bypassing the LM4130 VIN pin with a 0.1-µF capacitor and the VOUT pin with a 2.2-µF capacitor improves
stability and reduces output noise. The LM4130 comes in a space-saving 5-pin SOT-23.
Figure 38. LM4130 as a Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com