Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8554IPWG4 Datasheet(PDF) 22 Page - Texas Instruments

Part # DAC8554IPWG4
Description  16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8554IPWG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC8554IPWG4 Datasheet HTML 18Page - Texas Instruments DAC8554IPWG4 Datasheet HTML 19Page - Texas Instruments DAC8554IPWG4 Datasheet HTML 20Page - Texas Instruments DAC8554IPWG4 Datasheet HTML 21Page - Texas Instruments DAC8554IPWG4 Datasheet HTML 22Page - Texas Instruments DAC8554IPWG4 Datasheet HTML 23Page - Texas Instruments DAC8554IPWG4 Datasheet HTML 24Page - Texas Instruments DAC8554IPWG4 Datasheet HTML 25Page - Texas Instruments DAC8554IPWG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
www.ti.com
DAC8554 to 68HC11 Interface
MICROPROCESSOR INTERFACING
DAC8554 to 8051 Interface
68HC11
(1)
PC7
SCK
MOSI
SYNC
SCLK
D
IN
(1)Additionalpinsomittedforclarity.
DAC8554
80C51/80L51
(1)
P3.3
TXD
RXD
SYNC
SCLK
D
IN
(1)Additionalpinsomittedforclarity.
DAC8554
DAC8554 to TMS320 DSP Interface
DAC8554 to Microwire Interface
Microwire
TM
CS
SK
SO
SYNC
SCLK
D
IN
(1)Additionalpinsomittedforclarity.
DAC8554
MicrowireisaregisteredtrademarkofNationalSemiconductor.
DAC8554
TMS320DSP
SYNC
D
IN
SCLK
0.1 F
m
10 F
m
0.1 F
m
1mFto10mF
PositiveSupply
FSX
DX
CLKX
AV
DD
OutputA
OutputD
V
D
OUT
V
A
OUT
V
H
REF
V
L
REF
GND
Reference
Input
DAC8554
SLAS431B – JUNE 2005 – REVISED OCTOBER 2006
Figure 52 shows a serial interface between the
DAC8554 and the 68HC11 microcontroller. SCK of
the 68HC11 drives the SCLK of the DAC8554, while
See Figure 50 for a serial interface between the
the MOSI output drives the serial data line of the
DAC8554 and a typical 8051-type microcontroller.
DAC. The SYNC signal is derived from a port line
The setup for the interface is as follows: TXD of the
(PC7), similar to the 8051 diagram.
8051 drives SCLK of the DAC8554, while RXD
drives the serial data line of the device. The SYNC
signal is derived from a bit-programmable pin on the
port of the 8051. In this case, port line P3.3 is used.
When data are to be transmitted to the DAC8554,
P3.3 is taken LOW. The 8051 transmits data in 8-bit
bytes; thus, only eight falling clock edges occur in
the transmit cycle. To load data to the DAC, P3.3 is
left LOW after the first eight bits are transmitted, then
a second and third write cycle are initiated to
Figure 52. DAC8554 to 68HC11 Interface
transmit the remaining data. P3.3 is taken HIGH
following the completion of the third write cycle. The
8051 outputs the serial data in a format that presents
The 68HC11 should be configured so that its CPOL
the LSB first, while the DAC8554 requires its data
bit is '0' and its CPHA bit is '1'. This configuration
with the MSB as the first bit received. The 8051
causes data appearing on the MOSI output to be
transmit routine must therefore take this into account,
valid on the falling edge of SCLK. When data are
and mirror the data as needed.
being transmitted to the DAC, the SYNC line is held
LOW (PC7). Serial data from the 68HC11 are
transmitted in 8-bit bytes with only eight falling clock
edges occurring in the transmit cycle. (Data are
transmitted MSB first.) In order to load data to the
DAC8554, PC7 is left LOW after the first eight bits
are transferred, then a second and third serial write
operation are performed to the DAC. PC7 is taken
HIGH at the end of this procedure.
Figure 50. DAC8554 to 80C51/80L51 Interface
Figure 53 shows the connections between the
DAC8554 and a TMS320 digital signal processor
(DSP). A single DSP can control up to four
Figure 51 shows an interface between the DAC8554
DAC8554s without any interface logic.
and any Microwire-compatible device. Serial data are
shifted out on the falling edge of the serial clock and
clocked into the DAC8554 on the rising edge of the
SK signal.
Figure 51. DAC8554 to Microwire Interface
Figure 53. DAC8554 to TMS320 DSP
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com