| Electronic Components Datasheet Search |
|
DAC8554IPW.A Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC8554IPW.A Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 34 page ![]() www.ti.com DAC8554 to 68HC11 Interface MICROPROCESSOR INTERFACING DAC8554 to 8051 Interface 68HC11 (1) PC7 SCK MOSI SYNC SCLK D IN (1)Additionalpinsomittedforclarity. DAC8554 80C51/80L51 (1) P3.3 TXD RXD SYNC SCLK D IN (1)Additionalpinsomittedforclarity. DAC8554 DAC8554 to TMS320 DSP Interface DAC8554 to Microwire Interface Microwire TM CS SK SO SYNC SCLK D IN (1)Additionalpinsomittedforclarity. DAC8554 MicrowireisaregisteredtrademarkofNationalSemiconductor. DAC8554 TMS320DSP SYNC D IN SCLK 0.1 F m 10 F m 0.1 F m 1mFto10mF PositiveSupply FSX DX CLKX AV DD OutputA OutputD V D OUT V A OUT V H REF V L REF GND Reference Input DAC8554 SLAS431B – JUNE 2005 – REVISED OCTOBER 2006 Figure 52 shows a serial interface between the DAC8554 and the 68HC11 microcontroller. SCK of the 68HC11 drives the SCLK of the DAC8554, while See Figure 50 for a serial interface between the the MOSI output drives the serial data line of the DAC8554 and a typical 8051-type microcontroller. DAC. The SYNC signal is derived from a port line The setup for the interface is as follows: TXD of the (PC7), similar to the 8051 diagram. 8051 drives SCLK of the DAC8554, while RXD drives the serial data line of the device. The SYNC signal is derived from a bit-programmable pin on the port of the 8051. In this case, port line P3.3 is used. When data are to be transmitted to the DAC8554, P3.3 is taken LOW. The 8051 transmits data in 8-bit bytes; thus, only eight falling clock edges occur in the transmit cycle. To load data to the DAC, P3.3 is left LOW after the first eight bits are transmitted, then a second and third write cycle are initiated to Figure 52. DAC8554 to 68HC11 Interface transmit the remaining data. P3.3 is taken HIGH following the completion of the third write cycle. The 8051 outputs the serial data in a format that presents The 68HC11 should be configured so that its CPOL the LSB first, while the DAC8554 requires its data bit is '0' and its CPHA bit is '1'. This configuration with the MSB as the first bit received. The 8051 causes data appearing on the MOSI output to be transmit routine must therefore take this into account, valid on the falling edge of SCLK. When data are and mirror the data as needed. being transmitted to the DAC, the SYNC line is held LOW (PC7). Serial data from the 68HC11 are transmitted in 8-bit bytes with only eight falling clock edges occurring in the transmit cycle. (Data are transmitted MSB first.) In order to load data to the DAC8554, PC7 is left LOW after the first eight bits are transferred, then a second and third serial write operation are performed to the DAC. PC7 is taken HIGH at the end of this procedure. Figure 50. DAC8554 to 80C51/80L51 Interface Figure 53 shows the connections between the DAC8554 and a TMS320 digital signal processor (DSP). A single DSP can control up to four Figure 51 shows an interface between the DAC8554 DAC8554s without any interface logic. and any Microwire-compatible device. Serial data are shifted out on the falling edge of the serial clock and clocked into the DAC8554 on the rising edge of the SK signal. Figure 51. DAC8554 to Microwire Interface Figure 53. DAC8554 to TMS320 DSP 22 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |