Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA129-HT Datasheet(PDF) 17 Page - Texas Instruments

Part # INA129-HT
Description  INA12x-HT Precision, Low-Power Instrumentation Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA129-HT Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA129-HT Datasheet HTML 13Page - Texas Instruments INA129-HT Datasheet HTML 14Page - Texas Instruments INA129-HT Datasheet HTML 15Page - Texas Instruments INA129-HT Datasheet HTML 16Page - Texas Instruments INA129-HT Datasheet HTML 17Page - Texas Instruments INA129-HT Datasheet HTML 18Page - Texas Instruments INA129-HT Datasheet HTML 19Page - Texas Instruments INA129-HT Datasheet HTML 20Page - Texas Instruments INA129-HT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
10kW
OPA177
100W
100W
1/2 REF200
1/2 REF200
V+
R
G
INA129
Ref
V
O
V
IN
V
IN
+
10mV
±
Adjustment Range
V-
100 A
m
100 A
m
-
G = 1 +
49.4 kW
¾
R
G
G = 1 +
50 kW
¾
R
G
INA128-HT, INA129-HT
www.ti.com
SBOS501F – JANUARY 2010 – REVISED FEBRUARY 2015
Typical Application (continued)
9.2.2 Detailed Design Procedure
9.2.2.1 Setting the Gain
Gain is set by connecting a single external resistor, RG, between pins 1 and 8.
INA128-HT:
(1)
INA129-HT:
(2)
Commonly used gains and resistor values are shown in Figure 20.
The 50-k
Ω term in Equation 1 (49.4-kΩ in Equation 2) comes from the sum of the two internal feedback resistors
of A1 and A2. These on-chip metal film resistors are laser trimmed to accurate absolute values. The accuracy
and temperature coefficient of these internal resistors are included in the gain accuracy and drift specifications of
the INA128-HT and INA129-HT.
The stability and temperature drift of the external gain setting resistor, RG, also affects gain. The RG contribution
to gain accuracy and drift can be directly inferred from Equation 2. Low resistor values required for high gain can
make wiring resistance important. Sockets add to the wiring resistance which will contribute additional gain error
(possibly an unstable gain error) in gains of approximately 100 or greater.
9.2.2.2 Dynamic Performance
Figure 2 shows that, despite its low quiescent current, the INA128-HT and INA129-HT achieve wide bandwidth,
even at high gain. This is due to the current-feedback topology of the input stage circuitry. Settling time also
remains excellent at high gain.
9.2.2.3 Offset Trimming
The INA128-HT and INA129-HT are laser trimmed for low offset voltage and offset voltage drift. Most
applications require no external offset adjustment. Figure 21 shows an optional circuit for trimming the output
offset voltage. The voltage applied to Ref terminal is summed with the output. The operational amplifier buffer
provides low impedance at the Ref terminal to preserve good common-mode rejection.
(1)
OPA177 and REF200 are not tested or characterized at 210°C.
Figure 21. Optional Trimming of Output Offset Voltage
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com