Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA302A2IPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # INA302A2IPWR
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302A2IPWR Datasheet(HTML) 3 Page - Texas Instruments

  INA302A2IPWR Datasheet HTML 1Page - Texas Instruments INA302A2IPWR Datasheet HTML 2Page - Texas Instruments INA302A2IPWR Datasheet HTML 3Page - Texas Instruments INA302A2IPWR Datasheet HTML 4Page - Texas Instruments INA302A2IPWR Datasheet HTML 5Page - Texas Instruments INA302A2IPWR Datasheet HTML 6Page - Texas Instruments INA302A2IPWR Datasheet HTML 7Page - Texas Instruments INA302A2IPWR Datasheet HTML 8Page - Texas Instruments INA302A2IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
1
VS
14
IN+
2
OUT
13
IN±
3
LIMIT1
12
ALERT1
4
REF
11
ALERT2
5
GND
10
DELAY
6
LATCH1
9
LIMIT2
7
LATCH2
8
NC
Not to scale
3
INA302, INA303
www.ti.com
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
PW Package
14-Pin TSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VS
Analog
Power supply, 2.7 V to 5.5 V
2
OUT
Analog output
Output voltage
3
LIMIT1
Analog input
ALERT1 threshold limit input; see the Setting Alert Thresholds section for details on
setting the limit threshold
4
REF
Analog input
Reference voltage, 0 V to VS
5
GND
Analog
Ground
6
LATCH1
Digital input
Transparent or latch mode selection input
7
LATCH2
Digital input
Transparent or latch mode selection input
8
NC
—
No internal connection
9
LIMIT2
Analog input
ALERT2 threshold limit input; see the Setting Alert Thresholds section for details on
setting the limit threshold
10
DELAY
Analog input
Delay timing input; see the Alert Outputs section for details on setting the delayed
alert response for comparator 2
11
ALERT2
Analog output
Open-drain output; active-low. This pin is an overlimit alert for the INA302 and an
underlimit alert for the INA303.
12
ALERT1
Analog output
Open-drain output, active-low overlimit alert
13
IN–
Analog input
Connect to load side of the current-sensing resistor
14
IN+
Analog input
Connect to supply side of the current-sensing resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com