Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7830FDWR Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO7830FDWR
Description  ISO7830x High-Performance, 8000-VPK Reinforced Triple Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7830FDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7830FDWR Datasheet HTML 3Page - Texas Instruments ISO7830FDWR Datasheet HTML 4Page - Texas Instruments ISO7830FDWR Datasheet HTML 5Page - Texas Instruments ISO7830FDWR Datasheet HTML 6Page - Texas Instruments ISO7830FDWR Datasheet HTML 7Page - Texas Instruments ISO7830FDWR Datasheet HTML 8Page - Texas Instruments ISO7830FDWR Datasheet HTML 9Page - Texas Instruments ISO7830FDWR Datasheet HTML 10Page - Texas Instruments ISO7830FDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
ISO7830, ISO7830F
www.ti.com
SLLSEO2B – JULY 2015 – REVISED JUNE 2016
Product Folder Links: ISO7830 ISO7830F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications
(2)
This coupler is suitable for safe electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured by
means of suitable protective circuits.
(3)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
(4)
All pins on each side of the barrier tied together creating a two-terminal device.
6.6 Insulation Characteristics
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
DW
DWW
CLR
External clearance(1)
Shortest terminal-to-terminal distance through air
>8
>14.5
mm
CPG
External creepage(1)
Shortest terminal-to-terminal distance across the package
surface
>8
>14.5
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
>21
>21
μm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112; UL 746A
>600
>600
V
Material group
I
I
Overvoltage category per IEC 60664-1
Rated mains voltage
≤ 600 VRMS
I–IV
I–IV
Rated mains voltage
≤ 1000 VRMS
I–III
I–IV
DIN V VDE V 0884–10 (VDE V 0884–10):2006-12(2)
VIOWM
Maximum isolation working voltage
Time dependent dielectric breakdown (TDDB) Test; see
Figure 1 and Figure 2
1500
2000
VRMS
2121
2828
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM
t = 60 s (qualification)
t= 1 s (100% production)
8000
8000
VPK
VIOSM
Maximum surge isolation voltage for
reinforced insulation(3)
Test method per IEC 60065, 1.2/50 µs waveform,
VTEST = 1.6 × VIOSM = 12800 VPK (qualification)
8000
8000
VPK
VIORM
Maximum repetitive peak isolation
voltage
2121
2828
VPK
VPR
Input-to-output test voltage
Method a, After Input/Output safety test subgroup 2/3,
VPR = VIORM × 1.2, t = 10 s,
Partial discharge < 5 pC
2545
3394
VPK
Method a, After environmental tests subgroup 1,
VPR = VIORM × 1.6, t = 10 s,
Partial Discharge < 5 pC
3394
4525
Method b1,
VPR = VIORM × 1.875, t = 1 s (100% Production test)
Partial discharge < 5 pC
3977
5303
CIO
Barrier capacitance, input to output(4)
VIO = 0.4 × sin (2πft), f = 1 MHz
~1
~1
pF
RIO
Isolation resistance, input to output(4)
VIO = 500 V, TA = 25°C
>1012
>1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ max
>1011
>1011
Ω
RS
Isolation resistance
VIO = 500 V at TS
>109
>109
Ω
Pollution degree
2
2
Climatic category
55/125/21
55/125/21
UL 1577
VISO
Withstanding isolation voltage
VTEST = VISO = 5700 VRMS, t = 60 s (qualification),
VTEST = 1.2 × VISO = 6840 VRMS, t = 1 s (100% production)
5700
5700
VRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com