Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337LM/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM337LM/NOPB
Description  LM337L 3-Terminal Adjustable Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337LM/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM337LM/NOPB Datasheet HTML 2Page - Texas Instruments LM337LM/NOPB Datasheet HTML 3Page - Texas Instruments LM337LM/NOPB Datasheet HTML 4Page - Texas Instruments LM337LM/NOPB Datasheet HTML 5Page - Texas Instruments LM337LM/NOPB Datasheet HTML 6Page - Texas Instruments LM337LM/NOPB Datasheet HTML 7Page - Texas Instruments LM337LM/NOPB Datasheet HTML 8Page - Texas Instruments LM337LM/NOPB Datasheet HTML 9Page - Texas Instruments LM337LM/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
1.25 V
IADJ
INPUT
OUTPUT
ADJUST
Over temp
& over
current
protection
+
+
Copyright © 2016, Texas Instruments Incorporated
6
LM337L
SNVS780E – MAY 1998 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM337L
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM337L devices are adjustable 3-terminal negative-voltage regulators capable of supplying 100 mA over an
output voltage range of –1.2 V to –37 V. They are exceptionally easy to use, requiring only two external resistors
to set the output voltage and one output capacitor for frequency compensation. In addition, LM337L offers full
overload protection. Included on the chip are current limit, thermal overload protection and safe area protection.
All overload protection circuitry remains fully functional even if the adjustment terminal is disconnected. The
LMx37 devices serve a wide variety of applications, including local on-card regulation, programmable output-
voltage regulation, and precision current regulation.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Output Voltage Adjustment
The Adjustment (ADJ) pin serves as a voltage adjustment reference for the output. The ADJ pin can be attached
to a resistor divider circuit to adjust the output voltage level. The reference voltage VADJ will typically be 1.25 V
higher than VO.
7.4 Device Functional Modes
7.4.1 Protection Diodes
When external capacitors are used with any IC regulator, it is sometimes necessary to add protection diodes to
prevent the capacitors from discharging through low current points into the regulator. Most 10-μF capacitors have
low enough internal series resistance to deliver 20-A spikes when shorted. Although the surge is short, there is
enough energy to damage parts of the IC. When an output capacitor is connected to a negative output regulator
and the input is shorted, the output capacitor pulls current out of the output of the regulator. The current depends
on the value of the capacitor, the output voltage of the regulator, and the rate at which VIN is shorted to ground.
The bypass capacitor on the adjustment terminal can discharge through a low current junction. Discharge occurs
when either the input, or the output, is shorted. Figure 15 shows the placement of the protection diodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com