Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM86CIM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM86CIM/NOPB
Description  ±0.75°C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM86CIM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM86CIM/NOPB Datasheet HTML 1Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 2Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 3Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 4Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 5Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 6Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 7Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 8Page - Texas Instruments LM86CIM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Control Logic
One Shot
Register
Remote Offset
Registers
Local/Remote
Temperature
Registers
HIGH
Limit
Registers
LOW
Limit
Registers
T_CRIT Limit
& Hysteresis
Registers
Configuration
and Status
Registers
Conversion
Rate
Registers
Two-Wire Serial
Interface
Local/Remote
Diode Selector
Temperature
Sensor
Circuitry
10-Bit Plus Sign
'-6
Converter
Programable
Level
Filter
Fault
Queue
Fault
Queue
Fault
Queue
S
R
3.0V-3.6V
D+
D-
T_Crit_A
ALERT
SMBData
SMBClock
Q
LM86
SNIS114E – DECEMBER 2001 – REVISED MARCH 2013
www.ti.com
Simplified Block Diagram
Connection Diagram
VSSOP-8 or SOIC-8
(TOP VIEW)
Pin Description
Label
Pin No.
Function
Typical Connection
VDD
1
Positive Supply Voltage Input
DC Voltage from 3.0 V to 3.6 V
Diode Current Source
To Diode Anode. Connected to remote discrete diode connected
D+
2
transistor junction or to the diode connected transistor junction on a
remote IC whose die temperature is being sensed.
D
−
3
Diode Return Current Sink
To Diode Cathode.
T_CRIT Alarm Output, Open-Drain, Pull-Up Resistor, Controller Interrupt or Power Supply Shutdown Control
T_CRIT_A
4
Active-Low
GND
5
Power Supply Ground
Ground
Interrupt Output, Open-Drain,
Pull-Up Resistor, Controller Interrupt or Alert Line
ALERT
6
Active-Low
SMBus Bi-Directional Data Line,
From and to Controller, Pull-Up Resistor
SMBData
7
Open-Drain Output
SMBCLK
8
SMBus Input
From Controller, Pull-Up Resistor
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com