Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM331AN/NOPB.Z Datasheet(PDF) 6 Page - Texas Instruments

Part # LM331AN/NOPB.Z
Description  LMx31x Precision Voltage-to-Frequency Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM331AN/NOPB.Z Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM331AN/NOPB.Z Datasheet HTML 2Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 3Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 4Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 5Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 6Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 7Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 8Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 9Page - Texas Instruments LM331AN/NOPB.Z Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LM231, LM331
SNOSBI2C – JUNE 1999 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
All specifications apply in the circuit of Figure 16, with 4.0 V
≤ VS ≤ 40 V, TA = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SOURCE (PIN 1)
LM231, LM231A
RS = 14 kΩ, VPIN 1 = 0
126
135
144
μA
Output Current
LM331, LM331A
116
136
156
μA
Change with Voltage
0V
≤ VPIN 1 ≤ 10 V
0.2
1
μA
LM231, LM231A,
0.02
10
nA
Current Source OFF
LM331, LM331A
Leakage
All Devices
TA = TMAX
2
50
nA
Operating Range of Current (Typical)
(10 to 500)
μA
REFERENCE VOLTAGE (PIN 2)
LM231, LM231A
1.76
1.89
2.02
VDC
LM331, LM331A
1.7
1.89
2.08
VDC
Stability vs. Temperature
±60
ppm/°C
Stability vs. Time, 1000 Hours
±0.1%
LOGIC OUTPUT (PIN 3)
I = 5 mA
0.15
0.5
V
VSAT
I = 3.2 mA (2 TTL Loads),
0.1
0.4
V
TMIN ≤ TA ≤ TMAX
OFF Leakage
±0.05
1
μA
SUPPLY CURRENT
VS = 5 V
2
3
4
mA
LM231, LM231A
VS = 40 V
2.5
4
6
mA
VS = 5 V
1.5
3
6
mA
LM331, LM331A
VS = 40 V
2
4
8
mA
7.6 Dissipation Ratings
VALUE
UNIT
Package Dissipation at 25°C(1)
1.25
W
(1)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature TA, and can be calculated using the formula
PDmax = (TJmax - TA) / θJA. The values for maximum power dissipation will be reached only when the device is operated in a severe
fault condition (e.g., when input or output pins are driven beyond the power supply voltages, or the power supply polarity is reversed).
Obviously, such conditions should always be avoided.
6
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM231 LM331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com